Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74CB3Q3251 Datasheet (PDF) - Texas Instruments

SN74CB3Q3251 Datasheet PDF - Texas Instruments
Part # SN74CB3Q3251
Download  SN74CB3Q3251 Download
File Size   860.45 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH

SN74CB3Q3251 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74CB3Q3251 Datasheet PDF - Texas Instruments

Part # SN74CB3Q3251
Download  SN74CB3Q3251 Click to download

File Size   860.45 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH

SN74CB3Q3251 Datasheet (HTML) - Texas Instruments


SN74CB3Q3251 Product details

FEATURES
· High-Bandwidth Data Path (up to 500 MHz (1))
· Equivalent to IDTQS3VH251 Device
· 5-V Tolerant I/Os With Device Powered Up or
Powered Down
· Low and Flat ON-State Resistance (r on)
Characteristics Over Operating Range
(ron = 4 W Typ)
· Rail-to-Rail Switching on Data I/O Ports
– 0- to 5-V Switching With 3.3-V V CC
– 0- to 3.3-V Switching With 2.5-V VCC
· Bidirectional Data Flow With Near-Zero
Propagation Delay
· Low Input/Output Capacitance Minimizes
Loading and Signal Distortion
(Cio(OFF) = 3.5 pF Typ)
· Fast Switching Frequency
(fOE or fS = 20 MHz Max)
(1) For additional information regarding the performance
characteristics of the CB3Q family, refer to the TI application
report, CBT-C, CB3T, and CB3Q Signal-Switch Families,
literature number SCDA008.
· Data and Control Inputs Provide Undershoot
Clamp Diodes
· Low Power Consumption (ICC = 1 mA Typ)
· VCC Operating Range From 2.3 V to 3.6 V
· Data I/Os Support 0- to 5-V Signaling Levels
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
· Control Inputs Can Be Driven by TTL or
5-V/3.3-V CMOS Outputs
· Ioff Supports Partial-Power-Down Mode
Operation
· Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
· ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model (A114-B,
Class II)
– 1000-V Charged-Device Model (C101)
· Supports Both Digital and Analog
Applications: PCI Interface, Differential Signal
Interface, Memory Interleaving, Bus Isolation,
Low-Distortion Signal Gating

DESCRIPTION/ORDERING INFORMATION
The SN74CB3Q3251 is a high-bandwidth FET bus switch utilizing a charge pump to elevate the gate voltage of
the pass transistor, providing a low and flat ON-state resistance (ron). The low and flat ON-state resistance allows
for minimal propagation delay and supports rail-to-rail switching on the data input/output (I/O) ports. The device
also features low data I/O capacitance to minimize capacitive loading and signal distortion on the data bus.
Specifically designed to support high-bandwidth applications, the SN74CB3Q3251 provides an optimized
interface solution ideally suited for broadband communications, networking, and data-intensive computing
systems.
The SN74CB3Q3251 is a 1-of-8 multiplexer/demultiplexer with a single output-enable (OE) input. The select (S0,
S1, S2) inputs control the data path of the multiplexer/demultiplexer. When OE is low, the
multiplexer/demultiplexer is enabled, and the A port is connected to the B port, allowing bidirectional data flow
between ports. When OE is high, the multiplexer/demultiplexer is disabled, and a high-impedance state exists
between the A and B ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry prevents damaging
current backflow through the device when it is powered down. The device has isolation during power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.




Similar Part No. - SN74CB3Q3251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
329Kb / 12P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
390Kb / 1P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI2-SN74CB3Q3251 Datasheet
862Kb / 22P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
REVISED MARCH 2005
SN74CB3Q3251DBQR TI-SN74CB3Q3251DBQR Datasheet
329Kb / 12P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251DBQR TI-SN74CB3Q3251DBQR Datasheet
390Kb / 1P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


Similar Description - SN74CB3Q3251

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3248 AD-ADG3248 Datasheet
172Kb / 12P
2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
REV.0
logo
Texas Instruments
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
329Kb / 12P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
390Kb / 1P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_08 Datasheet
691Kb / 18P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253_10 Datasheet
641Kb / 19P
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_10 Datasheet
509Kb / 17P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
699Kb / 20P
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
ADG3249 AD-ADG3249_15 Datasheet
226Kb / 12P
2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
logo
Texas Instruments
SN74CB3Q3251 TI1-SN74CB3Q3251_15 Datasheet
777Kb / 19P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com