Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1849422 Datasheet (PDF) - PHOENIX CONTACT

1849422 Datasheet PDF - PHOENIX CONTACT
Part # 1849422
Download  1849422 Download
File Size   330.41 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 6-ST ABGY AU - PCB connector

1849422 Datasheet (PDF)

Go To PDF Page Download Datasheet
1849422 Datasheet PDF - PHOENIX CONTACT

Part # 1849422
Download  1849422 Click to download

File Size   330.41 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 6-ST ABGY AU - PCB connector

1849422 Datasheet (HTML) - PHOENIX CONTACT


1849422 Product details

PCB connector, nominal cross section: 2.5 mm2, color: agate gray, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Au, contact connection type: Socket, number of potentials:
6, number of rows: 1, number of positions: 6, number of connections: 6, product range: MSTB
2,5/..-ST, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1849422

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
18494 FESTO-18494 Datasheet
84Kb / 1P
Sensor socket
logo
PHOENIX CONTACT
1849406 PHOENIX-1849406 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-ST-5,08 ABGY AU
1849435 PHOENIX-1849435 Datasheet
55Kb / 4P
Printed-circuit board connector - SMSTB 2,5/ 5-ST-5,08 ABGYAU
More results


Similar Description - 1849422

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754520 PHOENIX-1754520 Datasheet
142Kb / 6P
MSTB 2,5/ 6-ST
1849037 PHOENIX-1849037 Datasheet
125Kb / 5P
MSTB 2,5/ 5-ST-5,08 ABGY AU
1752467 PHOENIX-1752467 Datasheet
89Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 6-ST AU
1752483 PHOENIX-1752483 Datasheet
103Kb / 3P
MSTB 2,5/ 6-ST-5,08 AU
1849406 PHOENIX-1849406 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-ST-5,08 ABGY AU
1853308 PHOENIX-1853308 Datasheet
118Kb / 3P
MSTB 2,5/ 5-GF-5,08 ABGY AU
1879230 PHOENIX-1879230 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 4-ST ABGY AU
1958025 PHOENIX-1958025 Datasheet
94Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 5-ST-5,08 ABGY
11/05/2018
1754821 PHOENIX-1754821 Datasheet
1Mb / 22P
PCB connector - MSTB 2,5/21-ST
Nov 30, 2022
1754847 PHOENIX-1754847 Datasheet
1Mb / 21P
PCB connector - MSTB 2,5/22-ST
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com