Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2GU04-Q1 Datasheet (PDF) - Texas Instruments

SN74LVC2GU04-Q1 Datasheet PDF - Texas Instruments
Part # SN74LVC2GU04-Q1
Download  SN74LVC2GU04-Q1 Download
File Size   2242.9 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2GU04Q1 Dual Unbuffered Inverter

SN74LVC2GU04-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2GU04-Q1 Datasheet PDF - Texas Instruments

Part # SN74LVC2GU04-Q1
Download  SN74LVC2GU04-Q1 Click to download

File Size   2242.9 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2GU04Q1 Dual Unbuffered Inverter

SN74LVC2GU04-Q1 Datasheet (HTML) - Texas Instruments


SN74LVC2GU04-Q1 Product details

1 Features
• AEC-Q100 Qualified for automotive applications:
– Device temperature grade 1: –40°C to +125°C,
TA
• Supports 5V VCC operation
• Inputs accept voltages to 5.5V
• Max tpd of 3.7ns at 3.3V
• Low power consumption, 10μA max ICC
• ±24mA Output drive at 3.3V
• Typical VOLP (output ground bounce)
<0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
>2V at VCC = 3.3V, TA = 25°C
• Can be used as a down translator to translate
inputs from a max of 5.5V down
to the VCC level
• Unbuffered outputs

2 Applications
• AV receivers
• Desktop or notebook PCs
• Blu-ray players and home theaters
• DVD recorders and players
• Digital radio or internet radio players
• Digital video cameras (DVC)
• Embedded PCs
• GPS: Personal navigation devices
• Mobile internet devices
• Network projector front-ends
• Portable media players
• Pro audio mixers
• Smoke detectors
• Solid-state drive (SSD): enterprise
• High-definition (HDTV)
• Tablets: enterprise
• Audio docks: portable
• DLP front projection systems
• DVR and DVS
• Digital picture frame (DPF)
• Digital still cameras

3 Description
This dual inverter is designed for 1.65V to 5.5V VCC
operation.
The SN74LVC2GU04-Q1 device contains two
inverters with unbuffered outputs and performs the
Boolean function Y = A.




Similar Part No. - SN74LVC2GU04-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2GU04-Q1 TI1-SN74LVC2GU04-Q1 Datasheet
168Kb / 15P
SN74LVC2GU04-Q1 Dual Unbuffered Inverter
SN74LVC2GU04-Q1 TI2-SN74LVC2GU04-Q1 Datasheet
700Kb / 20P
Dual Inverter Gate
REVISED DECEMBER 2013
SN74LVC2GU04-Q1 TI2-SN74LVC2GU04-Q1 Datasheet
2Mb / 31P
SN74LVC2GU04Q1 Dual Unbuffered Inverter
REVISED OCTOBER 2025
SN74LVC2GU04-Q1 TI2-SN74LVC2GU04-Q1_V01 Datasheet
2Mb / 31P
SN74LVC2GU04Q1 Dual Unbuffered Inverter
REVISED OCTOBER 2025
More results


Similar Description - SN74LVC2GU04-Q1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZU04 ONSEMI-NL27WZU04_07 Datasheet
78Kb / 6P
Dual Unbuffered Inverter
February, 2007 ??Rev. 5
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
NXP Semiconductors
74HC2GU04 NXP-74HC2GU04 Datasheet
93Kb / 15P
Dual unbuffered inverter
Rev. 01-6 October 2006
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04 Datasheet
145Kb / 8P
Dual Unbuffered Inverter
August, 2009 ??Rev. 3
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04_15 Datasheet
169Kb / 16P
Dual unbuffered inverter
Rev. 2-20 August 2014
logo
Nexperia B.V. All right...
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
Dual unbuffered inverter
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
Dual unbuffered inverter
74HC2GU04_Q100 NEXPERIA-74HC2GU04_Q100 Datasheet
239Kb / 15P
Dual unbuffered inverter
Rev. 3 - 4 February 2022
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
Dual unbuffered inverter
Rev. 13 - 20 January 2022
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
Dual unbuffered inverter
Rev. 3 - 4 February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com