Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN2024U-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

DMN2024U-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # DMN2024U-TP
Download  DMN2024U-TP Download
File Size   1089.02 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-channel Enhancement Mode Power MOSFET

DMN2024U-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
DMN2024U-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # DMN2024U-TP
Download  DMN2024U-TP Click to download

File Size   1089.02 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-channel Enhancement Mode Power MOSFET

DMN2024U-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


DMN2024U-TP Product details

Features
* 20V,5A

Roson< 22mQ @ Vos=4.5V

Roson< 36mQ @ Ves =2.5V
+ Advanced Trench Technology
« Excellent Rosow and Low Gate Charge
« Lead free product is acquired
«+ ESD Rating: HBM 2KV/ |




Similar Part No. - DMN2024U-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2024U-13 DIODES-DMN2024U-13 Datasheet
424Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
June 2018 Rev. 2 - 2
DMN2024U-7 DIODES-DMN2024U-7 Datasheet
424Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
June 2018 Rev. 2 - 2
More results


Similar Description - DMN2024U-TP

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com