Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS7A3301RGWR Datasheet (PDF) - Texas Instruments

TPS7A3301RGWR Datasheet PDF - Texas Instruments
Part # TPS7A3301RGWR
Download  TPS7A3301RGWR Download
File Size   1950.43 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A33 –36-V, 1-A, Ultralow-Noise Negative Voltage Regulator

TPS7A3301RGWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A3301RGWR Datasheet PDF - Texas Instruments

Part # TPS7A3301RGWR
Download  TPS7A3301RGWR Click to download

File Size   1950.43 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A33 –36-V, 1-A, Ultralow-Noise Negative Voltage Regulator

TPS7A3301RGWR Datasheet (HTML) - Texas Instruments


TPS7A3301RGWR Product details

1 Features
1• Input Voltage Range: –3 V to –36 V
• Noise:
– 16 μVRMS (10 Hz to 100 kHz)
• Power-Supply Ripple Rejection:
– 72 dB (10 kHz)
• Adjustable Output: –1.18 V to –33 V
• Maximum Output Current: 1 A
• Stable With Ceramic Capacitors ≥ 10 μF
• Built-In Current-Limit and Thermal Shutdown
Protection
• Available in an External Heatsink-Capable, High
Thermal Performance TO-220 Package
• Operating Temperature Range:
–40°C to 125°C

2 Applications
• Supply Rails for Operational Amplifiers, DACs,
ADCs, and Other High-Precision Analog Circuitry
• Audio DC•
Post DC-DC Converter Regulation and Ripple
Filtering
• Test and Measurement
• Medical
• Industrial Instrumentation
• Base Stations and Telecom Infrastructure low•
12-V and 24-V Industrial Buses

3 Description
The TPS7A33 series of linear regulators are negative
voltage (–36 V), ultralow-noise (16-μVRMS, 72-dB PSRR) linear regulators capable of sourcing a
maximum load of 1 A.
The TPS7A33 series include a complementary metal
oxide semiconductor (CMOS) logic-level-compatible
enable pin (EN) to allow for user-customizable power
management schemes. Other features available include built-in current limit and thermal shutdown
features to protect the device and system during fault
conditions.
The TPS7A33 family is designed using bipolar
technology primarily for high-accuracy, high-precision
instrumentation applications, where clean voltage
rails are critical to maximize system performance.
This feature makes it ideal to power operational amplifiers, analog-to-digital converters (ADCs),
digital-to-analog converters (DACs), and other high- performance analog circuitry.
In addition, the TPS7A33 family of linear regulators is
suitable for post DC-DC converter regulation. By
filtering out the output voltage ripple inherent to DC•
DC switching conversion, maximum system
performance is ensured in sensitive instrumentation,
medical, test and measurement, audio, and RF applications.
For applications where positive and negative high-
performance rails are required, consider the
TPS7A4700 positive high-voltage, ultralow-noise, low•
dropout linear regulator as well.




Similar Part No. - TPS7A3301RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3301RGWR TI1-TPS7A3301RGWR Datasheet
593Kb / 22P
??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3301RGWR TI1-TPS7A3301RGWR Datasheet
1Mb / 26P
??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
More results


Similar Description - TPS7A3301RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
-36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
-36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A33 TI1-TPS7A33 Datasheet
593Kb / 22P
??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3001 TI1-TPS7A3001 Datasheet
847Kb / 24P
??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001-EP TI1-TPS7A3001-EP Datasheet
981Kb / 25P
??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
TPS7A3301 TI1-TPS7A3301 Datasheet
1Mb / 26P
??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3001-EP TI-TPS7A3001-EP_15 Datasheet
884Kb / 25P
??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
LT3094 AD-LT3094 Datasheet
2Mb / 34P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
01/19-REV.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com