Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

70L-IDCB Datasheet (PDF) - Grayhill, Inc

70L-IDCB Datasheet PDF - Grayhill, Inc
Part # 70L-IDCB
Download  70L-IDCB Download
File Size   117.6 Kbytes
Page   2 Pages
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc
Description DC Input Modules

70L-IDCB Datasheet (PDF)

Go To PDF Page Download Datasheet
70L-IDCB Datasheet PDF - Grayhill, Inc

Part # 70L-IDCB
Download  70L-IDCB Click to download

File Size   117.6 Kbytes
Page   2 Pages
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc
Description DC Input Modules

70L-IDCB Datasheet (HTML) - Grayhill, Inc




Similar Part No. - 70L-IDCB

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70L-IDC GRAYHILL-70L-IDC Datasheet
72Kb / 2P
Fast Switching Polarized Input Types
70L-IDC5S GRAYHILL-70L-IDC5S Datasheet
116Kb / 2P
Contact Closure DC Input Modules
70L-IDC5S GRAYHILL-70L-IDC5S Datasheet
64Kb / 1P
Wire Dry Contact Sensors Directly to Module, Eliminate External Power Supply
70L-IDC5S GRAYHILL-70L-IDC5S_10 Datasheet
64Kb / 1P
Wire Dry Contact Sensors Directly to Module, Eliminate External Power Supply
70L-IDCG GRAYHILL-70L-IDCG Datasheet
118Kb / 2P
AC/DC Input Modules
More results


Similar Description - 70L-IDCB

ManufacturerPart #DatasheetDescription
logo
Ericsson
PKF5611SI ERICSSON-PKF5611SI Datasheet
1Mb / 16P
5-6 W DC/DC Power Modules Wide Input Series
logo
Grayhill, Inc
70-IDC5G GRAYHILL-70-IDC5G Datasheet
118Kb / 2P
AC/DC Input Modules
70L-IDC5S GRAYHILL-70L-IDC5S Datasheet
116Kb / 2P
Contact Closure DC Input Modules
logo
Vicor Corporation
DC048B VICOR-DC048B Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
logo
Premier Magnetics, Inc.
PDCS6233 PMI-PDCS6233 Datasheet
96Kb / 1P
DC/DC POWER MODULES 2 AMP ADJUSTABLE HIGH INPUT
PDCS03001 PMI-PDCS03001 Datasheet
79Kb / 3P
3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
PDCS03041 PMI-PDCS03041 Datasheet
30Kb / 2P
3.0 WATT 4:1WIDE INPUT RANGE DC/DC POWER MODULES
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
logo
Intronics Power, Inc.
W2530-12S5 INTRONICS-W2530-12S5 Datasheet
190Kb / 1P
DC/DC MODULES
logo
Delta Electronics, Inc.
DIM3R3300SFA DELTA-DIM3R3300SFA_09 Datasheet
378Kb / 13P
300W Dual Input Power Processing DC/DC Power Modules
More results




About Grayhill, Inc


Grayhill, Inc. is a privately held company that designs and manufactures electronic components and systems, with a particular focus on human interface devices such as keypads, rotary switches, and optical encoders. The company was founded in 1943 and is headquartered in La Grange, Illinois, USA.

Grayhill's products are used in a wide range of industries, including aerospace, medical, automotive, and telecommunications. Some of the company's key products include touchscreens, joysticks, and pushbutton switches.

In addition to its manufacturing capabilities, Grayhill also offers design and engineering services to help customers develop custom solutions tailored to their specific needs. The company has a reputation for high-quality products and exceptional customer service, and has won numerous awards for its innovative designs and commitment to excellence.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com