Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS548A20 Datasheet (PDF) - Texas Instruments

TPS548A20 Datasheet PDF - Texas Instruments
Part # TPS548A20
Download  TPS548A20 Download
File Size   1944.13 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS548A20 1.5-V to 20-V (4.5-V to 25-V Bias) Input, 15-A Synchronous Step-Down SWIFT™ Converter

TPS548A20 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS548A20 Datasheet PDF - Texas Instruments

Part # TPS548A20
Download  TPS548A20 Click to download

File Size   1944.13 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS548A20 1.5-V to 20-V (4.5-V to 25-V Bias) Input, 15-A Synchronous Step-Down SWIFT™ Converter

TPS548A20 Datasheet (HTML) - Texas Instruments


TPS548A20 Product details

1 Features
1• Integrated SWIFT™ 9.9-mΩ and 4.3-mΩ
MOSFETs Support 15-A Continuous IOUT
• Wide Conversion Input Voltage Range: 1.5 V to
20 V (with Snubber)
• Output Voltage Range from 0.6 V to 5.5 V
• Supports All Ceramic Output Capacitors
• Reference Voltage: 600 mV with ±0.5% Tolerance
from –40°C to 85°C ambient temperature
• D-CAP3™ Control Mode With Fast Load-Step
Response
• Hiccup Over Current Protection
• Auto-Skipping Eco-Mode™ for High Light-Load
Efficiency
• FCCM for Tight Output Ripple and Voltage
Tolerance Requirements
• Pre-charged Startup Capability
• Eight Selectable Frequency Settings from
200 kHz to 1 MHz
• 4.5 mm x 3.5 mm, 28-Pin, VQFN-CLIP Package
• Supported at the WEBENCH™ Design Center

2 Applications
• Server, Cloud-Computing, Storage
• Telecom & Networking, Point-of-Load (POL)
• IPCs, Factory Automation, PLC, Test
Measurement
• Performance DSPs, FPGAs

3 Description
The TPS548A20 is a small-sized, synchronous buck
converter with an adaptive on-time D-CAP3 control
mode. The device offers ease-of-use and low bill-ofmaterial
count for space-conscious power systems.
This device features high-performance integrated
MOSFETs, accurate 0.6-V reference, and an
integrated boost switch. Competitive features include
very-low external-component count, fast loadtransient
response, auto-skip mode operation,
internal soft-start control, and no requirement for
compensation.
A forced continuous conduction mode helps meet
tight voltage regulation accuracy requirements for
performance DSPs and FPGAs. The TPS548A20 is
available in a 28-pin VQFN-CLIP package and is
specified from –40°C to 125°C ambient temperature.




Similar Part No. - TPS548A20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548A20 TI1-TPS548A20 Datasheet
1Mb / 36P
15-A Synchronous Step-Down SWIFT Converter
TPS548A20RVER TI1-TPS548A20RVER Datasheet
1Mb / 36P
15-A Synchronous Step-Down SWIFT Converter
TPS548A20RVET TI1-TPS548A20RVET Datasheet
1Mb / 36P
15-A Synchronous Step-Down SWIFT Converter
More results


Similar Description - TPS548A20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS53515 TI1-TPS53515 Datasheet
1Mb / 33P
1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
TPS53515 TI-TPS53515_15 Datasheet
5Mb / 39P
TPS53515 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 12-A Single Synchronous Step-Down SWIFT??Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com