Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1444448 Datasheet (PDF) - PHOENIX CONTACT

1444448 Datasheet PDF - PHOENIX CONTACT
Part # 1444448
Download  1444448 Download
File Size   434.04 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMCOR 1,5/ 7-STF-3,5 - PCB connector

1444448 Datasheet (PDF)

Go To PDF Page Download Datasheet
1444448 Datasheet PDF - PHOENIX CONTACT

Part # 1444448
Download  1444448 Click to download

File Size   434.04 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMCOR 1,5/ 7-STF-3,5 - PCB connector

1444448 Datasheet (HTML) - PHOENIX CONTACT


1444448 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of rows: 1, number of
positions: 7, product range: FMCOR 1,5/..-STF, pitch: 3.5 mm, connection method: Push-in
spring connection, conductor/PCB connection direction: 90 °, plug-in system: COMBICON MC
1,5, locking: Screw locking mechanism, mounting method: Screw flange, type of packaging:
packed in cardboard




Similar Part No. - 1444448

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1444441 PHOENIX-1444441 Datasheet
432Kb / 10P
FMCOR 1,5/ 3-STF-3,5 - PCB connector
1444442 PHOENIX-1444442 Datasheet
434Kb / 10P
FMCOR 1,5/ 4-STF-3,5 - PCB connector
1444446 PHOENIX-1444446 Datasheet
434Kb / 10P
FMCOR 1,5/ 5-STF-3,5 - PCB connector
1444447 PHOENIX-1444447 Datasheet
434Kb / 10P
FMCOR 1,5/ 6-STF-3,5 - PCB connector
1444449 PHOENIX-1444449 Datasheet
433Kb / 10P
FMCOR 1,5/ 8-STF-3,5 - PCB connector
More results


Similar Description - 1444448

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1847055 PHOENIX-1847055 Datasheet
793Kb / 15P
PCB connector - MC 1,5/ 2-STF-3,5
Jul 20, 2022
1847068 PHOENIX-1847068 Datasheet
772Kb / 14P
PCB connector - MC 1,5/ 3-STF-3,5
Jul 20, 2022
1847097 PHOENIX-1847097 Datasheet
772Kb / 14P
PCB connector - MC 1,5/ 6-STF-3,5
Jul 20, 2022
1847181 PHOENIX-1847181 Datasheet
786Kb / 15P
PCB connector - MC 1,5/ 8-STF-3,5
Jul 21, 2022
1847217 PHOENIX-1847217 Datasheet
761Kb / 14P
PCB connector - MC 1,5/11-STF-3,5
Nov 30, 2022
1863084 PHOENIX-1863084 Datasheet
348Kb / 10P
PCB connector - MCVW 1,5/10-STF-3,5
Jan 3, 2023
1790344 PHOENIX-1790344 Datasheet
653Kb / 15P
PCB connector - DFMC 1,5/ 7-STF-3,5
Jan 10, 2023
1847107 PHOENIX-1847107 Datasheet
761Kb / 14P
PCB connector - MC 1,5/ 7-STF-3,5
Jan 3, 2023
1863013 PHOENIX-1863013 Datasheet
351Kb / 10P
PCB connector - MCVW 1,5/ 3-STF-3,5
Jan 10, 2023
1863039 PHOENIX-1863039 Datasheet
648Kb / 14P
MCVW 1,5/ 5-STF-3,5 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com