Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS54336ADDA.A Datasheet (PDF) - Texas Instruments

TPS54336ADDA.A Datasheet PDF - Texas Instruments
Part # TPS54336ADDA.A
Download  TPS54336ADDA.A Download
File Size   2922.75 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter

TPS54336ADDA.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54336ADDA.A Datasheet PDF - Texas Instruments

Part # TPS54336ADDA.A
Download  TPS54336ADDA.A Click to download

File Size   2922.75 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter

TPS54336ADDA.A Datasheet (HTML) - Texas Instruments


TPS54336ADDA.A Product details

1 Features
• Synchronous 128-mΩ and 84-mΩ MOSFETs for
3-A Continuous Output Current
• TPS54335A: Internal 2-ms Soft-Start,
50-kHz to 1.5-MHz Adjustable Frequency
• TPS54336A: Adjustable Soft-Start,
Fixed 340-kHz Frequency
• Low 2-μA Shutdown, Quiescent Current
• 0.8-V Voltage Reference with ±0.8% Accuracy
• Current Mode Control
• Monotonic Startup into Pre-Biased Outputs
• Pulse Skipping for Light-Load Efficiency
• Hiccup Mode Overcurrent Protection
• Thermal Shutdown (TSD) and
Overvoltage Transition Protection
• 8-Pin SO PowerPAD™ and 10-Pin VSON
Package
• Create a Custom Design Using the TPS54335A
with the WEBENCH Power Designer

2 Applications
• Consumer Applications such as a Digital TV
(DTV), Set Top Box (STB, DVD/Blu-ray Player),
LCD Display, CPE (Cable Modem, WiFi Router),
DLP Projectors, Smart Meters
• Battery Chargers
• Industrial and Car Audio Power Supplies
• 5-V, 12-V, and 24-V Distributed Power Bus Supply

3 Description
The TPS5433xA family of devices are synchronous
converters with an input-voltage range of 4.5 V to 28
V. These devices include This device has an
integrated low-side switching FET that eliminates the
need for an external diode which reduces component
count.
Efficiency is maximized through the integrated 128-
mΩ and 84-mΩ MOSFETs, low IQ and pulse skipping
at light loads. Using the enable pin, the shutdown
supply current is reduced to 2 μA. This step-down
(buck) converter provides accurate regulation for a
variety of loads with a well-regulated voltage
reference that is 1.5% over temperature.
Cycle-by-cycle current limiting on the high-side
MOSFET protects the TPS5433xA family of devices
in overload situations and is enhanced by a low-side
sourcing current limit which prevents current
runaway. A low-side sinking current-limit turns off the
low-side MOSFET to prevent excessive reverse
current. Hiccup protection is triggered if the
overcurrent condition continues for longer than the
preset time. Thermal shutdown disables the device
when the die temperature exceeds the threshold and
enables the device again after the built-in thermal
hiccup time.




Similar Part No. - TPS54336ADDA.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54336ADDA TI1-TPS54336ADDA Datasheet
1Mb / 47P
Synchronous Step-Down DC-DC Converter
TPS54336ADDA TI1-TPS54336ADDA Datasheet
1Mb / 53P
TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54336ADDAR TI1-TPS54336ADDAR Datasheet
1Mb / 47P
Synchronous Step-Down DC-DC Converter
TPS54336ADDAR TI1-TPS54336ADDAR Datasheet
1Mb / 53P
TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
More results


Similar Description - TPS54336ADDA.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54335A TI-TPS54335A_15 Datasheet
1Mb / 46P
TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT??Step-Down DC-DC Converter
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54302 TI1-TPS54302 Datasheet
1Mb / 28P
TPS54302 4.5-V to 28-V Input, 3-A Output, EMI Friendly Synchronous Step-Down Converter
TPS54335-2A TI1-TPS54335-2A Datasheet
1Mb / 39P
TPS54335-2A 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54335A TI1-TPS54335A Datasheet
1Mb / 53P
TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com