Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1446441 Datasheet (PDF) - PHOENIX CONTACT

1446441 Datasheet PDF - PHOENIX CONTACT
Part # 1446441
Download  1446441 Download
File Size   410.61 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMCOW 1,5/11-ST-3,5 - PCB connector

1446441 Datasheet (PDF)

Go To PDF Page Download Datasheet
1446441 Datasheet PDF - PHOENIX CONTACT

Part # 1446441
Download  1446441 Click to download

File Size   410.61 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMCOW 1,5/11-ST-3,5 - PCB connector

1446441 Datasheet (HTML) - PHOENIX CONTACT


1446441 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of rows: 1, number of
positions: 11, product range: FMCOW 1,5/..-ST, pitch: 3.5 mm, connection method: Push-in
spring connection, conductor/PCB connection direction: -90 °, plug-in system: COMBICON MC
1,5, locking: without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1446441

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1446440 PHOENIX-1446440 Datasheet
410Kb / 10P
FMCOW 1,5/10-ST-3,5 - PCB connector
1446446 PHOENIX-1446446 Datasheet
410Kb / 10P
FMCOW 1,5/12-ST-3,5 - PCB connector
1446447 PHOENIX-1446447 Datasheet
409Kb / 10P
FMCOW 1,5/13-ST-3,5 - PCB connector
1446448 PHOENIX-1446448 Datasheet
409Kb / 10P
FMCOW 1,5/14-ST-3,5 - PCB connector
1446449 PHOENIX-1446449 Datasheet
409Kb / 10P
FMCOW 1,5/15-ST-3,5 - PCB connector
More results


Similar Description - 1446441

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1832564 PHOENIX-1832564 Datasheet
70Kb / 2P
FMC 1,5/11-ST-3,5-RF AU
1862946 PHOENIX-1862946 Datasheet
139Kb / 5P
MCVW 1,5/11-ST-3,5
1840418 PHOENIX-1840418 Datasheet
874Kb / 15P
PCB connector - MC 1,5/ 7-ST-3,5
Jul 20, 2022
1847217 PHOENIX-1847217 Datasheet
761Kb / 14P
PCB connector - MC 1,5/11-STF-3,5
Nov 30, 2022
1862904 PHOENIX-1862904 Datasheet
357Kb / 11P
PCB connector - MCVW 1,5/ 7-ST-3,5
Jan 3, 2023
1840489 PHOENIX-1840489 Datasheet
881Kb / 16P
PCB connector - MC 1,5/14-ST-3,5
Jan 3, 2023
1840515 PHOENIX-1840515 Datasheet
960Kb / 18P
PCB connector - MC 1,5/17-ST-3,5
Jan 4, 2023
1840531 PHOENIX-1840531 Datasheet
960Kb / 18P
PCB connector - MC 1,5/19-ST-3,5
Jan 10, 2023
1862991 PHOENIX-1862991 Datasheet
400Kb / 12P
PCB connector - MCVW 1,5/16-ST-3,5
Jan 10, 2023
1939992 PHOENIX-1939992 Datasheet
728Kb / 16P
PCB connector - FK-MCP 1,5/11-ST-3,5
Jan 3, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com