Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS63051 Datasheet (PDF) - Texas Instruments

TPS63051 Datasheet PDF - Texas Instruments
Part # TPS63051
Download  TPS63051 Download
File Size   3401.37 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6305x Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start

TPS63051 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS63051 Datasheet PDF - Texas Instruments

Part # TPS63051
Download  TPS63051 Click to download

File Size   3401.37 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6305x Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start

TPS63051 Datasheet (HTML) - Texas Instruments


TPS63051 Product details

1 Features
1• Real buck or boost with seamless transition
between buck and boost mode
• 2.5 V to 5.5 V Input voltage range
• 0.5-A Continuous output current: VIN ≥ 2.5 V,
VOUT = 3.3 V
• Adjustable and fixed output voltage version
• Efficiency > 90% in boost mode and > 95% in
buck mode
• 2.5-MHz Typical switching frequency
• Adjustable average input current limit
• Adjustable soft-start time
• Device quiescent current < 60 μA
• Automatic power save mode or forced PWM mode
• Load disconnect during shutdown
• Overtemperature protection
• Small 1.6mm x 1.2mm, 12-pin WCSP and 2.5mm
x 2.5mm 12-pin HotRod™ QFN package
• Create a custom design using the:
– TPS63050 With the WEBENCH® Power
Designer
– TPS63051 With the WEBENCH® Power
Designer

2 Applications
• Cellular and smart phones
• Tablets PC
• PC and smart phone accessories
• Battery powered applications
• Smart grid/smart meter

3 Description
The TPS6305x family of devices is a high efficiency,
low quiescent-current buck-boost converter, suitable
for applications where the input voltage is higher or
lower than the output.
Continuous output current can go as high as 500 mA
in boost mode and as high as 1 A in buck mode. The
maximum average current in the switches is limited to
a typical value of 1 A. The TPS6305x family of
devices regulate the output voltage over the complete
input voltage range by automatically switching
between buck or boost mode depending on the input
voltage, ensuring seamless transition between
modes.
The buck-boost converter is based on a fixedfrequency,
pulse-width-modulation (PWM) controller
using synchronous rectification to obtain the highest
efficiency. At low load currents, the converter enters
Power Save Mode to maintain high efficiency over
the complete load current range.
The PFM/PWM pin allows the user to select between
automatic-PFM/PWM mode operation and forced-
PWM operation. During PWM mode a fixed-frequency
of typically 2.5 MHz is used. The output voltage is
programmable using an external resistor divider, or is
fixed internally on the chip. The converter can be
disabled to minimize battery drain. During shutdown,
the load is disconnected from the battery. The device
is packaged in a 12-pin DSBGA and in a 12-pin
HotRod package.




Similar Part No. - TPS63051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63051 TI1-TPS63051 Datasheet
2Mb / 27P
SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63051 TI1-TPS63051 Datasheet
2Mb / 28P
SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63051 TI1-TPS63051 Datasheet
3Mb / 35P
Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
TPS63051 TI1-TPS63051 Datasheet
3Mb / 20P
Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
TPS63051RMWR TI1-TPS63051RMWR Datasheet
3Mb / 20P
Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
More results


Similar Description - TPS63051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63051 TI1-TPS63051 Datasheet
2Mb / 27P
SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63051 TI1-TPS63051_14 Datasheet
2Mb / 28P
SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63050 TI1-TPS63050_14 Datasheet
3Mb / 35P
Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
TPS63050 TI1-TPS63050_16 Datasheet
3Mb / 20P
Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com