Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS61025 Datasheet (PDF) - Texas Instruments

TPS61025 Datasheet PDF - Texas Instruments
Part # TPS61025
Download  TPS61025 Download
File Size   1261.92 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6102x 96% Efficient Synchronous Boost Converter

TPS61025 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61025 Datasheet PDF - Texas Instruments

Part # TPS61025
Download  TPS61025 Click to download

File Size   1261.92 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6102x 96% Efficient Synchronous Boost Converter

TPS61025 Datasheet (HTML) - Texas Instruments


TPS61025 Product details

1 Features
1• 96% Efficient Synchronous Boost Converter
• Output Voltage Remains Regulated When Input
Voltage Exceeds Nominal Output Voltage
• Device Quiescent Current: 25 μA (Typ)
• Input Voltage Range: 0.9 V to 6.5 V
• Fixed and Adjustable Output Voltage Options Up
to 5.5 V
• Power Save Mode for Improved Efficiency at Low
Output Power
• Low Battery Comparator
• Low EMI-Converter (Integrated Anti-ringing
Switch)
• Load Disconnect During Shutdown
• Overtemperature Protection
• Small 3-mm × 3-mm VSON-10 Package

2 Applications
• All One-Cell, Two-Cell, and Three-Cell Alkaline,
NiCd or NiMH, or One-Cell Li-Ion or Li-Polymer
Battery-Powered Products
• Portable Audio Players
• PDAs
• Cellular Phones
• Personal Medical Products
• Camera White LED Flash Lights

3 Description
The TPS6102x family of devices provide a power
supply solution for products powered by either a one- cell, two-cell, or three-cell alkaline, NiCd or NiMH, or
one-cell Li-Ion or Li-polymer battery. Output currents
can go as high as 200 mA while using a single-cell
alkaline battery, and discharge it down to 0.9 V. The
device can also be used for generating 5 V at 500 mA from a 3.3-V rail or a Li-Ion battery. The boost
converter is based on a fixed-frequency, pulse width
modulation (PWM) controller using a synchronous
rectifier to obtain maximum efficiency. At low load
currents the converter enters the power save mode to
maintain a high efficiency over a wide-load current range. The Power Save mode can be disabled,
forcing the converter to operate at a fixed switching
frequency. The maximum peak current in the boost
switch is limited to a value of 800 mA, 1500 mA, or
1800 mA depending on the version of the device.
The TPS6102x devices keep the output voltage
regulated even when the input voltage exceeds the
nominal output voltage. The output voltage can be
programmed by an external resistor divider, or is
fixed internally on the chip. The converter can be
disabled to minimize battery drain. During shutdown,
the load is completely disconnected from the battery.
A low-EMI mode is implemented to reduce ringing and, in effect, lower radiated electromagnetic energy
when the converter enters the discontinuous
conduction mode. The device is packaged in a 10-pin
VSON PowerPAD™ package measuring 3 mm x 3
mm (DRC).




Similar Part No. - TPS61025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61025 TI-TPS61025 Datasheet
638Kb / 22P
96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61025 TI-TPS61025 Datasheet
548Kb / 27P
96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61025 TI-TPS61025 Datasheet
1Mb / 31P
TPS6102x 96% Efficient Synchronous Boost Converter
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
TPS6102x 96 Efficient Synchronous Boost Converters
TPS61025DRC TI-TPS61025DRC Datasheet
638Kb / 22P
96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
More results


Similar Description - TPS61025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
TPS6102x 96% Efficient Synchronous Boost Converters
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
TPS6102x 96% Efficient Synchronous Boost Converter
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
TPS6102x 96 Efficient Synchronous Boost Converters
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
96% Efficient Synchronous Boost Converter With 4A Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com