Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS62801 Datasheet (PDF) - Texas Instruments

TPS62801 Datasheet PDF - Texas Instruments
Part # TPS62801
Download  TPS62801 Download
File Size   5112.27 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6280x 1.75V to 5.5V, 0.6A/1A, 2.3μA IQ Step-Down Converter 6-Pin, 0.35mm Pitch WCSP Package

TPS62801 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62801 Datasheet PDF - Texas Instruments

Part # TPS62801
Download  TPS62801 Click to download

File Size   5112.27 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6280x 1.75V to 5.5V, 0.6A/1A, 2.3μA IQ Step-Down Converter 6-Pin, 0.35mm Pitch WCSP Package

TPS62801 Datasheet (HTML) - Texas Instruments


TPS62801 Product details

1 Features
• 1.75V to 5.5V input voltage range
• 2.3μA operating quiescent current
• Up to 4MHz switching frequency
• 0.6A or 1A output current
• 1% output voltage accuracy
• Selectable power save and forced PWM mode
• R2D converter for flexible VOUT setting
• 16 selectable and one fixed output voltages
– TPS62800 (4MHz): 0.4V to 0.775V
– TPS62801 (4MHz): 0.8V to 1.55V
– TPS62802 (4MHz): 1.8V to 3.3V
– TPS62806 (1.5MHz): 0.4V to 0.775V
– TPS62807 (1.5MHz): 0.8V to 1.55V
– TPS62808 (1.5MHz): 1.8V to 3.3V
• Smart enable pin
• Optimized pinout to support 0201 components
• DCS-Control topology
• Output discharge
• 100% duty cycle operation
• Tiny 6-pin, 0.35mm pitch WCSP package
• Supports < 0.6mm design height
• Supports < 5mm2 design size
• Create a custom design using the:
– TPS62800 WEBENCH® Power Designer
– TPS62801 WEBENCH® Power Designer
– TPS62802 WEBENCH® Power Designer
– TPS62806 WEBENCH® Power Designer
– TPS62807 WEBENCH® Power Designer
– TPS62808 WEBENCH® Power Designer

2 Applications
• Wearable electronics, IoT applications
• 2× AA battery-powered applications
• Smartphones

3 Description
The TPS6280x device family is a step-down converter
with 2.3μA typical quiescent current featuring the
highest efficiency and smallest design size. TI's
DCS-Control topology enables the device to operate
with tiny inductors and capacitors with a switching
frequency up to 4MHz. At light load conditions, the
device seamlessly enters power save mode to reduce
switching cycles and maintain high efficiency.
Connecting the VSEL/MODE pin to GND selects a
fixed output voltage. With only one external resistor
connected to VSEL/MODE pin, 16 internally set
output voltages can be selected. An integrated R2D
(resistor-to-digital) converter reads out the external
resistor and sets the output voltage. The same device
part number can be used for different applications
and voltage rails just by changing a single resistor.
Furthermore, the internally set output voltage provides
better accuracy compared to a traditional external
resistor divider network. After the device has started
up, the DC/DC converter enters forced PWM mode by
applying a high level at the VSEL/MODE pin. In this
operating mode, the device runs at a typical 4MHz or
1.5MHz switching frequency, enabling lowest output
voltage ripple and highest efficiency. The TPS6280x
device series comes in a tiny 6-pin WCSP package
with 0.35mm pitch.




Similar Part No. - TPS62801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62801 TI1-TPS62801 Datasheet
1Mb / 28P
1.8-V to 5.5-V, 1-A, 2.3-uA IQ Step Down Converter in a 6 Pin, 0.35 mm Pitch WCSP Package
TPS62801 TI1-TPS62801 Datasheet
2Mb / 34P
1.8-V to 5.5-V, 1-A, 2.3-uA IQ Step Down Converter in a 6-Pin, 0.35-mm Pitch WCSP Package
TPS62801 TI1-TPS62801 Datasheet
2Mb / 36P
1.8-V to 5.5-V, 0.6A / 1-A, 2.3-關A IQ Step Down Converter in a 6-Pin, 0.35-mm Pitch WCSP Package
TPS62801 TI1-TPS62801 Datasheet
3Mb / 37P
1.8-V to 5.5-V, 0.6A / 1-A, 2.3-關A IQ Step Down Converter in a 6-Pin, 0.35-mm Pitch WCSP Package
TPS62801 TI1-TPS62801 Datasheet
3Mb / 37P
1.8-V to 5.5-V, 0.6A / 1-A, 2.3-uA IQ Step Down Converter 6-Pin, 0.35-mm Pitch WCSP Package
More results


Similar Description - TPS62801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62801 TI1-TPS62801 Datasheet
1Mb / 28P
1.8-V to 5.5-V, 1-A, 2.3-uA IQ Step Down Converter in a 6 Pin, 0.35 mm Pitch WCSP Package
TPS62801 TI1-TPS62801_18 Datasheet
2Mb / 34P
1.8-V to 5.5-V, 1-A, 2.3-uA IQ Step Down Converter in a 6-Pin, 0.35-mm Pitch WCSP Package
logo
Monolithic Power System...
MP2454 MPS-MP2454 Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
EV2269-D-00A MPS-EV2269-D-00A Datasheet
759Kb / 6P
30V, 1A, Low IQ Step-Down Converter Evaluation Board
logo
Texas Instruments
TPS62801_018 TI1-TPS62801_018 Datasheet
2Mb / 36P
1.8-V to 5.5-V, 0.6A / 1-A, 2.3-關A IQ Step Down Converter in a 6-Pin, 0.35-mm Pitch WCSP Package
TPS62800 TI1-TPS62800 Datasheet
3Mb / 37P
1.8-V to 5.5-V, 0.6A / 1-A, 2.3-關A IQ Step Down Converter in a 6-Pin, 0.35-mm Pitch WCSP Package
TPS62800 TI1-TPS62800_19 Datasheet
3Mb / 37P
1.8-V to 5.5-V, 0.6A / 1-A, 2.3-uA IQ Step Down Converter 6-Pin, 0.35-mm Pitch WCSP Package
logo
ETA SOLUTIONS CO. LIMIT...
ETA3560 ETA-ETA3560 Datasheet
217Kb / 1P
1A, 1.5MHz Step-Down Converter in DFN2X2-6 Package
logo
Maxim Integrated Produc...
MAX17623 MAXIM-MAX17623 Datasheet
2Mb / 19P
2.9V to 5.5V,1A, Synchronous Step-Down Converter with Integrated MOSFETs
Rev 0; 10/20
logo
Monolithic Power System...
MP2192 MPS-MP2192 Datasheet
1Mb / 22P
2A, 2.5V to 5.5V, Synchronous Step-Down Converter with 25μA IQ in CSP Package
Rev. 1.0 5/12/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com