Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS566231 Datasheet (PDF) - Texas Instruments

TPS566231 Datasheet PDF - Texas Instruments
Part # TPS566231
Download  TPS566231 Download
File Size   1766.67 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS56623x 3-V to 18-V Input, 6-A Synchronous Step-Down Voltage Regulator

TPS566231 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS566231 Datasheet PDF - Texas Instruments

Part # TPS566231
Download  TPS566231 Click to download

File Size   1766.67 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS56623x 3-V to 18-V Input, 6-A Synchronous Step-Down Voltage Regulator

TPS566231 Datasheet (HTML) - Texas Instruments


TPS566231 Product details

1 Features
• Configured for rugged applications
– 3-V to 18-V input voltage range
– 0.6-V to 7-V output voltage range
– 6-A continuous output current
– 0.6-V ±1% reference voltage (25°C)
– 98% maximum duty cycle
– 600-kHz switching frequency
– Non-latched for OC, OV, UV, and OT
protections
– Built-in output discharge function
• Numerous pin-compatible options
– TPS566231 and TPS566238 with SS pin for
adjustable soft-start time
– TPS566231P and TPS566238P with PG pin for
power-good indicator
– TPS566231 and TPS566231P for auto-skip
mode
– TPS566238 and TPS566238P for continuous
current mode
• Mandarin data sheet available
• Small design size and ease of use
– Integrated power MOSFET with RDS(on) 20.8
mΩ and 10.6 mΩ
– D-CAP3™ control mode for fast transient
response and internal compensation
– 1.5-mm × 2.0-mm HotRod™ QFN package
– Create a custom design with the WEBENCH®
Power Designer

2 Applications
• Digital TV, set-top box, gaming consoles
• Server, storage and networking point-of-load
• Industrial PC, IP camera, and factory automation
applications

3 Description
The TPS56623x are simple, easy-to-use, highefficiency,
6-A synchronous buck converters in a QFN
9-pin 1.5-mm × 2.0-mm package.
The devices operate with wider supply input voltage
ranging from 3 V to 18 V. The D-CAP3 control
mode is adopted to provide a fast transient response,
good line and load regulation, no requirement for
external compensation, and support to low-ESR
output capacitors.
The TPS566231 and TPS566231P operate in Ecomode
for high efficiency during light load operation.
The devices are designed as the ULQ™ DC/DC
converter, achieving 50-μA quiescent current to
enable long battery life in low-power applications. The
TPS566238 and TPS566238P operate in continuous
current mode, which maintains lower output ripple
during all load conditions.
The TPS566231 and TPS566238 soft-start time can
be adjusted through the SS pin. The TPS566231P
and TPS566238P indicate power good through the
PG pin.
The TPS56623x can support up to 98% duty cycle
operation, and integrate complete protection through
OVP, OCP, UVLO, OTP, and UVP with hiccup. The
devices are each available in a 9-pin 1.5-mm × 2.0-
mm HotRod package. The junction temperature is
specified from –40°C to 125°C.




Similar Part No. - TPS566231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS566231 TI1-TPS566231 Datasheet
1Mb / 31P
TPS566231, TPS566238 3-V to 17-V Input, 6-A Synchronous Step-Down Voltage Regulator
TPS566231 TI-TPS566231 Datasheet
1Mb / 30P
TPS56623x 3-V to 18-V Input, 6-A Synchronous Step-Down Voltage Regulator
TPS566231P TI-TPS566231P Datasheet
1Mb / 30P
TPS56623x 3-V to 18-V Input, 6-A Synchronous Step-Down Voltage Regulator
TPS566231PRQFR TI-TPS566231PRQFR Datasheet
1Mb / 30P
TPS56623x 3-V to 18-V Input, 6-A Synchronous Step-Down Voltage Regulator
TPS566231RQFR TI1-TPS566231RQFR Datasheet
1Mb / 31P
TPS566231, TPS566238 3-V to 17-V Input, 6-A Synchronous Step-Down Voltage Regulator
More results


Similar Description - TPS566231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65276 TI-TPS65276_15 Datasheet
734Kb / 33P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
TPS565201 TI1-TPS565201 Datasheet
3Mb / 25P
4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS563231 TI1-TPS563231 Datasheet
559Kb / 21P
4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT563
TPS563231 TI1-TPS563231_19 Datasheet
551Kb / 21P
4.5-V to 17-V input, 3-A synchronous step-down voltage regulator in SOT563
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
TPS563231_1902 TI1-TPS563231_1902 Datasheet
729Kb / 25P
4.5-V to 17-V input, 3-A synchronous step-down voltage regulator in SOT563
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566231 TI1-TPS566231 Datasheet
1Mb / 31P
TPS566231, TPS566238 3-V to 17-V Input, 6-A Synchronous Step-Down Voltage Regulator
TPS566231 TI-TPS566231_V01 Datasheet
1Mb / 30P
TPS56623x 3-V to 18-V Input, 6-A Synchronous Step-Down Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com