Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS65262 Datasheet (PDF) - Texas Instruments

TPS65262 Datasheet PDF - Texas Instruments
Part # TPS65262
Download  TPS65262 Download
File Size   3956.16 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65262 4.5-V to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter with Dual Adjustable 200-mA/100-mA LDOs

TPS65262 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65262 Datasheet PDF - Texas Instruments

Part # TPS65262
Download  TPS65262 Click to download

File Size   3956.16 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65262 4.5-V to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter with Dual Adjustable 200-mA/100-mA LDOs

TPS65262 Datasheet (HTML) - Texas Instruments


TPS65262 Product details

1 Features
• Operating input voltage range: 4.5 to 18 V
• Feedback reference voltage: 0.6 V ±1%
• Maximum continuous output current: 3 A/1 A/1 A
• Fixed 600-kHz switching frequency
• Integrated dual ldos with input voltage range:
1.3 to 18 V and continuous output current: 200
mA/100 mA
• Programmable soft start time for Buck1
• Fixed 1-ms soft-start time for Buck2 and Buck3
• Internal loop compensation for Buck2 and Buck3
• Dedicated enable pins for each buck
• Automatic power-up, power-down sequence
• Pulse Skipping Mode (PSM) at light load
• Output voltage power-good indicator
• Thermal overloading protection
• 32-pin VQFN (RHB) 5-mm × 5-mm package

2 Applications
• DTV
• Set-top boxes
• Home gateway and access point networks
• Wireless routers
• Surveillance
• POS machine

3 Description
The TPS65262 is a monolithic triple synchronous
step-down (buck) converter with 3-A/1-A/1-A output
current. A wide 4.5- to 18-V input supply voltage
range encompasses the most intermediate bus
voltage operating off 5-, 9-, 12-, or 15-V power
bus. The converter, with constant frequency peak
current mode, is designed to simplify its application
while giving designers options to optimize the
system according to targeted applications. The device
operates at 600-kHz fixed switching frequency. The
loop compensations for buck 2 and buck3 have been
integrated for less external components. The 180°
out-of-phase operation between buck1 and buck2,
3 (buck2 and buck3 run in phase) minimizes the
input filter requirements. At light load, the device
automatically operates in PSM, which provides high
efficiency by reducing switching losses.
Two low dropout voltage linear regulators (LDO) are
also built in TPS65262 with input voltage range 1.3
to 18 V, continuous output current 200 mA/100 mA,
independent enable and adjustable output voltage.
The TPS65262 features an automatic power
sequence with driving MODE pin to high and
configuring EN1, EN2, and EN3 pins.
The device features overvoltage protection,
overcurrent and short-circuit protection, and
overtemperature protection. A power good pin asserts
when any output voltages are out of regulation.




Similar Part No. - TPS65262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65262 TI-TPS65262 Datasheet
1Mb / 75P
TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65262 TI1-TPS65262 Datasheet
1Mb / 44P
4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65262 TI1-TPS65262 Datasheet
3Mb / 43P
4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 200-mA/100-mA LDOs
TPS65262 TI1-TPS65262 Datasheet
1Mb / 36P
2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65262 TI2-TPS65262 Datasheet
2Mb / 48P
TPS65265 4.5-V to 17-V Input Voltage, 5-A/3-A/2-A Output Current Triple Synchronous Step-Down Converter
REVISED MAY 2023
More results


Similar Description - TPS65262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65262-1 TI-TPS65262-1_15 Datasheet
1Mb / 43P
TPS65262-1, 4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65276 TI-TPS65276_15 Datasheet
734Kb / 33P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
TPS65262 TI1-TPS65262 Datasheet
3Mb / 43P
4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 200-mA/100-mA LDOs
TPS65262-1 TI1-TPS65262-1_16 Datasheet
1Mb / 43P
4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
4.5-V to 18-V input, 6-A synchronous step-down converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com