Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX20N02DF Datasheet (PDF) - Shunxin Technology Co., Ltd.

SX20N02DF Datasheet PDF - Shunxin Technology Co., Ltd.
Part # SX20N02DF
Download  SX20N02DF Download
File Size   882.59 Kbytes
Page   5 Pages
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.
Description 20V N-Channel Enhancement Mode MOSFET

SX20N02DF Datasheet (PDF)

Go To PDF Page Download Datasheet
SX20N02DF Datasheet PDF - Shunxin Technology Co., Ltd.

Part # SX20N02DF
Download  SX20N02DF Click to download

File Size   882.59 Kbytes
Page   5 Pages
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.
Description 20V N-Channel Enhancement Mode MOSFET

SX20N02DF Datasheet (HTML) - Shunxin Technology Co., Ltd.


SX20N02DF Product details

Description
The SX20N02DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a
Battery protection or in other Switching application.

General Features
VDS = 20V ID =20A
RDS(ON) < 8.0mΩ @ VGS=10V
Application
Battery protection
Load switch
Uninterruptible power supply




Similar Part No. - SX20N02DF

ManufacturerPart #DatasheetDescription
logo
Shunxin Technology Co.,...
SX20N02D SXSEMI-SX20N02D Datasheet
891Kb / 5P
20V N-Channel Enhancement Mode MOSFET
More results


Similar Description - SX20N02DF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com