Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TXU0104 Datasheet (PDF) - Texas Instruments

TXU0104 Datasheet PDF - Texas Instruments
Part # TXU0104
Download  TXU0104 Download
File Size   2463.3 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXU0104 / TXUN0104 4-Bit Fixed Direction Voltage-Level Translator with Schmitt- Trigger Inputs and 3-State Outputs

TXU0104 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXU0104 Datasheet PDF - Texas Instruments

Part # TXU0104
Download  TXU0104 Click to download

File Size   2463.3 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXU0104 / TXUN0104 4-Bit Fixed Direction Voltage-Level Translator with Schmitt- Trigger Inputs and 3-State Outputs

TXU0104 Datasheet (HTML) - Texas Instruments


TXU0104 Product details

1 Features
• Fully configurable dual-rail design allows each port
to operate from 1.1V to 5.5V
• Up to 200Mbps support for 3.3V to 5.0V
• Schmitt-trigger inputs allows for slow and noisy
inputs
• Inputs with integrated static pull-down resistors
prevent channels from floating
• High drive strength (up to 12mA at 5V)
• Low power consumption
– 2.5μA maximum (25°C)
– 6μA maximum (–40°C to 125°C)
• VCC isolation and VCC disconnect (Ioff-float) feature
– If either VCC input is <100 mV or disconnected,
all outputs are disabled and become highimpedance
• Ioff supports partial-power-down mode operation
• Control logic (OE) with VCC(MIN) circuitry allows for
control from either A or B port
• TXU0104 supports active high OE, TXUN0104
supports active low OE
• Pinout compatible with TXB family level shifters
• Available in other variants that support common
applications: TXU0204, TXU0304
• Operating temperature from –40°C to +125°C
• Latch-up performance exceeds 100mA per JESD
78, class II
• ESD protection exceeds JESD 22
– 2500V human-body model
– 1500V charged-device model

2 Applications
• Eliminate slow or noisy input signals
• Driving indicator LEDs or buzzers
• Debouncing a mechanical switch
• General purpose I/O level shifting
• Push-pull level shifting (UART, SPI, JTAG, and so
forth)

3 Description
TXU0104 / TXUN0104 is a 4-bit, dual-supply
noninverting fixed direction voltage level translation
device. Ax pins are referenced to VCCA logic level,
OE pin can be referenced to either VCCA or VCCB
logic levels, and Bx pins are referenced to VCCB logic
levels. The A port is able to accept input voltages
ranging from 1.1V to 5.5V, while the B port can
also accept input voltages from 1.1V to 5.5V. Fixed
direction data transmission can occur from A to B
or B to A when OE is set to high in reference to
either supply. When OE is set to low, all output pins
are in the high-impedance state. The only difference
between TXU0104 and TXUN0104 is the OE / OE
signal being active high and active low respectively.
See Section 7.4 for a summary of the operation of the
control logic.




Similar Part No. - TXU0104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXU0104 TI-TXU0104 Datasheet
2Mb / 37P
TXU0104 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU0104 TI-TXU0104 Datasheet
1Mb / 34P
TXU0104-Q1 Automotive 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU0104 TI-TXU0104 Datasheet
2Mb / 42P
TXU0104 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
SEPTEMBER 2021
TXU0104 TI-TXU0104 Datasheet
2Mb / 39P
TXU0104-Q1 Automotive 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
MARCH 2022
TXU0104 TI1-TXU0104 Datasheet
2Mb / 46P
TXU0104 / TXUN0104 4-Bit Fixed Direction Voltage-Level Translator with Schmitt- Trigger Inputs and 3-State Outputs
FEBRUARY 2025
More results


Similar Description - TXU0104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXU0104-Q1 TI-TXU0104-Q1 Datasheet
1Mb / 29P
TXU0104-Q1 Automotive 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU0104 TI-TXU0104 Datasheet
2Mb / 37P
TXU0104 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU0104-Q1 TI-TXU0104-Q1_V01 Datasheet
1Mb / 34P
TXU0104-Q1 Automotive 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU0204 TI-TXU0204 Datasheet
2Mb / 36P
TXU0204 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU304 TI-TXU304 Datasheet
2Mb / 37P
TXU0304 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU0104 TI-TXU0104_V01 Datasheet
2Mb / 42P
TXU0104 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
SEPTEMBER 2021
TXU0204 TI-TXU0204_V01 Datasheet
2Mb / 41P
TXU0204 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
SEPTEMBER 2021
TXU0304 TI-TXU0304 Datasheet
2Mb / 38P
TXU0304 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
NOVEMBER 2021
TXU0102 TI-TXU0102 Datasheet
1Mb / 36P
TXU0102 Dual-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
MARCH 2022
TXU0104-Q1 TI-TXU0104-Q1_V02 Datasheet
2Mb / 39P
TXU0104-Q1 Automotive 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
MARCH 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com