Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TXU0304 Datasheet (PDF) - Texas Instruments

TXU0304 Datasheet PDF - Texas Instruments
Part # TXU0304
Download  TXU0304 Download
File Size   2575.28 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXU0304 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs

TXU0304 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXU0304 Datasheet PDF - Texas Instruments

Part # TXU0304
Download  TXU0304 Click to download

File Size   2575.28 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXU0304 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs

TXU0304 Datasheet (HTML) - Texas Instruments


TXU0304 Product details

1 Features
• Fully configurable dual-rail design allows each port
to operate from 1.1 V to 5.5 V
• Up to 200 Mbps support for 3.3 V to 5.0 V
• Schmitt-trigger inputs allows for slow and noisy
inputs
• Inputs with integrated static pull-down resistors
prevent channels from floating
• High drive strength (up to 12 mA at 5 V)
• Low power consumption
– 2.5 μA maximum (25°C)
– 6 μA maximum (–40°C to 125°C)
• VCC isolation and VCC disconnect (Ioff-float) feature
– If either VCC input is <100 mV or disconnected,
all outputs are disabled and become highimpedance
• Ioff supports partial-power-down mode operation
• Control logic (OE) with VCC(MIN) circuitry allows for
control from either A or B port
• Pinout compatible with TXB family level shifters
• Available in other variants that support common
applications: TXU0104, TXU0204
• Operating temperature from –40°C to +125°C
• Latch-up performance exceeds 100 mA per JESD
78, class II
• ESD protection exceeds JESD 22
– 2500-V human-body model
– 1500-V charged-device model

2 Applications
• Eliminate slow or noisy input signals
• Driving indicator LEDs or buzzers
• Debouncing a mechanical switch
• General purpose I/O level shifting
• Push-pull level shifting (UART, SPI, JTAG, and so
forth)

3 Description
TXU0304 is a 4-bit, dual-supply noninverting fixed
direction voltage level translation device. Ax pins
are referenced to VCCA logic level, OE pin can be
referenced to either VCCA or VCCB logic levels, and Bx
pins are referenced to VCCB logic levels. The A port
is able to accept input voltages ranging from 1.1 V to
5.5 V, while the B port can also accept input voltages
from 1.1 V to 5.5 V. Fixed direction data transmission
can occur from A to B or B to A when OE is set to
high in reference to either supply. When OE is set to
low, all output pins are in the high-impedance state.
See Device Functional Modes for a summary of the
operation of the control logic.




Similar Part No. - TXU0304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXU0304 TI-TXU0304 Datasheet
2Mb / 37P
TXU0304 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU0304 TI-TXU0304 Datasheet
2Mb / 38P
TXU0304 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
NOVEMBER 2021
TXU0304 TI-TXU0304 Datasheet
2Mb / 39P
TXU0304-Q1 Automotive 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
MARCH 2022
TXU0304-Q1 TI-TXU0304-Q1 Datasheet
1Mb / 29P
TXU0304-Q1 Automotive 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU0304-Q1 TI-TXU0304-Q1 Datasheet
1Mb / 34P
TXU0304-Q1 Automotive 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
More results


Similar Description - TXU0304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXU0304-Q1 TI-TXU0304-Q1 Datasheet
1Mb / 29P
TXU0304-Q1 Automotive 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU0304-Q1 TI-TXU0304-Q1_V01 Datasheet
1Mb / 34P
TXU0304-Q1 Automotive 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU0104 TI-TXU0104 Datasheet
2Mb / 37P
TXU0104 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU0204 TI-TXU0204 Datasheet
2Mb / 36P
TXU0204 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU304 TI-TXU304 Datasheet
2Mb / 37P
TXU0304 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
TXU0104 TI-TXU0104_V01 Datasheet
2Mb / 42P
TXU0104 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
SEPTEMBER 2021
TXU0204 TI-TXU0204_V01 Datasheet
2Mb / 41P
TXU0204 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
SEPTEMBER 2021
TXU0304 TI-TXU0304 Datasheet
2Mb / 38P
TXU0304 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
NOVEMBER 2021
TXU0102 TI-TXU0102 Datasheet
1Mb / 36P
TXU0102 Dual-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
MARCH 2022
TXU0304-Q1 TI-TXU0304-Q1_V02 Datasheet
2Mb / 39P
TXU0304-Q1 Automotive 4-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
MARCH 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com