Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS563249 Datasheet (PDF) - Texas Instruments

TPS563249 Datasheet PDF - Texas Instruments
Part # TPS563249
Download  TPS563249 Download
File Size   894.21 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS563249 17-V, 3-A, Constant 1.4-MHz Synchronous Step-Down Voltage Regulator

TPS563249 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS563249 Datasheet PDF - Texas Instruments

Part # TPS563249
Download  TPS563249 Click to download

File Size   894.21 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS563249 17-V, 3-A, Constant 1.4-MHz Synchronous Step-Down Voltage Regulator

TPS563249 Datasheet (HTML) - Texas Instruments


TPS563249 Product details

1 Features
1• 3-A Converter Integrated 70-mΩ and 30-mΩ FETs
• D-CAP3™ Mode Control with Fast Transient
Response
• Input Voltage Range: 4.5 V to 17 V
• Output Voltage Range: 0.6 V to 7 V
• Forced Continuous Conduction Mode
• Constant 1.4-MHz Switching Frequency
• Low Shutdown Current Less than 10 μA
• 1% Feedback Voltage Accuracy (25ºC)
• Startup from Pre-Biased Output Voltage
• Cycle-by-Cycle Overcurrent Limit
• Hiccup-mode Overcurrent Protection
• Non-Latch UVP and TSD Protections
• Fixed Soft Start: 1.7 ms

2 Applications
• Broadband Modem
• Access Point Networks
• Wireless Routers
• Surveillance
• TV, Set-Top Boxes

3 Description
The TPS563249 is a simple, easy-to-use, 3 A
synchronous step-down converter in SOT-23
package.
The device is optimized to operate with minimum
external component counts and also optimized to
achieve low standby current.
This switching regulator employs D-CAP3 mode
control providing a fast transient response and
supporting both low-equivalent series resistance
(ESR) output capacitors such as specialty polymer
and ultra-low ESR ceramic capacitors with no
external compensation components.
TPS563249 operates in Forced Continuous
Conduction Mode (FCCM), which maintains fixed 1.4
MHz switching frequency during light load operation
and eliminates system interference. The TPS563249
is available in a 6-pin 1.6-mm × 2.9-mm SOT (DDC)
package, and specified from a –40°C to 125°C
junction temperature.




Similar Part No. - TPS563249

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS563249 TI1-TPS563249 Datasheet
627Kb / 22P
17 V, 3 A, Constant 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563249 TI1-TPS563249 Datasheet
670Kb / 21P
17-V, 3-A, Constant 1.4-MHz Synchronous Step-Down Voltage Regulator
TPS563249DDCR TI1-TPS563249DDCR Datasheet
670Kb / 21P
17-V, 3-A, Constant 1.4-MHz Synchronous Step-Down Voltage Regulator
TPS563249DDCT TI1-TPS563249DDCT Datasheet
670Kb / 21P
17-V, 3-A, Constant 1.4-MHz Synchronous Step-Down Voltage Regulator
TPS563249 TI1-TPS563249_18 Datasheet
670Kb / 21P
17-V, 3-A, Constant 1.4-MHz Synchronous Step-Down Voltage Regulator
More results


Similar Description - TPS563249

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS565201 TI1-TPS565201 Datasheet
3Mb / 25P
4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS563249 TI1-TPS563249 Datasheet
627Kb / 22P
17 V, 3 A, Constant 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563231 TI1-TPS563231 Datasheet
559Kb / 21P
4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT563
TPS563249 TI1-TPS563249_18 Datasheet
670Kb / 21P
17-V, 3-A, Constant 1.4-MHz Synchronous Step-Down Voltage Regulator
TPS563231 TI1-TPS563231_19 Datasheet
551Kb / 21P
4.5-V to 17-V input, 3-A synchronous step-down voltage regulator in SOT563
TPS563240 TI1-TPS563240 Datasheet
748Kb / 24P
17-V, 3-A 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563231_1902 TI1-TPS563231_1902 Datasheet
729Kb / 25P
4.5-V to 17-V input, 3-A synchronous step-down voltage regulator in SOT563
TPS566231 TI1-TPS566231 Datasheet
1Mb / 31P
TPS566231, TPS566238 3-V to 17-V Input, 6-A Synchronous Step-Down Voltage Regulator
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com