Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

146153 Datasheet (PDF) - Molex Electronics Ltd.

146153 Datasheet PDF - Molex Electronics Ltd.
Part # 146153
Download  146153 Download
File Size   39.64 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Antennas

146153 Datasheet (PDF)

Go To PDF Page Download Datasheet
146153 Datasheet PDF - Molex Electronics Ltd.

Part # 146153
Download  146153 Click to download

File Size   39.64 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Antennas

146153 Datasheet (HTML) - Molex Electronics Ltd.


146153 Product details

Description: 2.4GHz / 5GHz Wi-Fi Stand Alone Balance Antenna with MHF Connector, 9.00mm Width, Cable Length 100.00mm




Similar Part No. - 146153

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
146153 MOLEX-146153 Datasheet
540Kb / 3P
WiFi6E Flexible and PCB Antennas
2022.06 Rev. 8
1461530050 MOLEX11-1461530050 Datasheet
52Kb / 1P
2.4GHz / 5GHz Wi-Fi Stand Alone Balance Antenna, 9.00mm Width, Cable Length
1461530050 MOLEX11-1461530050_16 Datasheet
52Kb / 1P
2.4GHz / 5GHz Wi-Fi Stand Alone Balance Antenna, 9.00mm Width, Cable Length
1461530050 MOLEX-1461530050_V01 Datasheet
42Kb / 1P
2.4GHz / 5GHz Wi-Fi Stand Alone Balance Antenna, 9.00mm Width, 50.00mm Cable Length, Compatible with U.FL / I-PEX MHF Connectors
1461530100 MOLEX11-1461530100 Datasheet
48Kb / 1P
2.4GHz / 5GHz Wi-Fi Stand Alone Balance Antenna, 9.00mm Width, Cable Length
More results


Similar Description - 146153

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
Picocell Antennas
logo
Microsemi Corporation
MDT5864 MICROSEMI-MDT5864 Datasheet
167Kb / 2P
HORN ANTENNAS
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
ANTENNAS
logo
Laird Tech Smart Techno...
RD2458-5 LSTD-RD2458-5 Datasheet
449Kb / 2P
Amplified antennas
logo
Pulse A Technitrol Comp...
IOT-K PULSE-IOT-K Datasheet
388Kb / 5P
IoT Antennas
ISM-K PULSE-ISM-K Datasheet
394Kb / 4P
ISM Antennas
LORA-K PULSE-LORA-K Datasheet
423Kb / 4P
LORA Antennas
SPWH24918 PULSE-SPWH24918 Datasheet
994Kb / 4P
PORTABLE ANTENNAS
logo
Molex Electronics Ltd.
987651-3851 MOLEX-987651-3851 Datasheet
403Kb / 2P
Combo Antennas
2020.09
987651-5071 MOLEX-987651-5071 Datasheet
1Mb / 2P
GNSS Antennas
2020.02
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com