Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1525944 Datasheet (PDF) - PHOENIX CONTACT

1525944 Datasheet PDF - PHOENIX CONTACT
Part # 1525944
Download  1525944 Download
File Size   221.21 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FL SWITCH 5924SFP-4GC - Industrial Ethernet Switch

1525944 Datasheet (PDF)

Go To PDF Page Download Datasheet
1525944 Datasheet PDF - PHOENIX CONTACT

Part # 1525944
Download  1525944 Click to download

File Size   221.21 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FL SWITCH 5924SFP-4GC - Industrial Ethernet Switch

1525944 Datasheet (HTML) - PHOENIX CONTACT


1525944 Product details

Managed TSN Switch 5000 series, 8 SFP ports 100/1000 Mbps, 16 SFP ports 1000 Mbps, 4
Combo ports, degree of protection: IP20, Ambient temperature (operation): -10 °C ... 60 °C,
Supply voltage range: 100 V AC ... 240 V AC, PROFINET Conformance Class B, Development
process certified in accordance with IEC 62443-4-1, Compatible with IEC 62443-4-




Similar Part No. - 1525944

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1525942 PHOENIX-1525942 Datasheet
219Kb / 8P
FL SWITCH 5916-8GC-4SFP - Industrial Ethernet Switch
1525943 PHOENIX-1525943 Datasheet
218Kb / 8P
FL SWITCH 5916SFP-8GC-4SFP - Industrial Ethernet Switch
1525945 PHOENIX-1525945 Datasheet
221Kb / 8P
FL SWITCH 5924-4GC - Industrial Ethernet Switch
More results


Similar Description - 1525944

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1005N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1108N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2108
2702652 PHOENIX-2702652 Datasheet
247Kb / 11P
Industrial Ethernet Switch - FL SWITCH 2308
1085165 PHOENIX-1085165 Datasheet
409Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1008NT
Nov 16, 2022
1287360 PHOENIX-1287360 Datasheet
355Kb / 11P
Industrial Ethernet Switch - FL SWITCH 4800E-24SFX-4GC
Dec 2, 2022
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
1196228 PHOENIX-1196228 Datasheet
229Kb / 7P
Industrial Ethernet Switch - FL SWITCH 1708
Dec 2, 2022
2702908 PHOENIX-2702908 Datasheet
668Kb / 18P
Industrial Ethernet Switch - FL SWITCH 2116
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com