Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCLAMP04091P.F Datasheet (PDF) - Semtech Corporation

UCLAMP04091P.F Datasheet PDF - Semtech Corporation
Part # UCLAMP04091P.F
Download  UCLAMP04091P.F Download
File Size   456.12 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description μClamp® 4V ESD & Surge Protection

UCLAMP04091P.F Datasheet (PDF)

Go To PDF Page Download Datasheet
UCLAMP04091P.F Datasheet PDF - Semtech Corporation

Part # UCLAMP04091P.F
Download  UCLAMP04091P.F Click to download

File Size   456.12 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description μClamp® 4V ESD & Surge Protection

UCLAMP04091P.F Datasheet (HTML) - Semtech Corporation


UCLAMP04091P.F Product details

Description
μClamp® series of TVS diodes are designed to protect
sensitive electronics from damage or latch-up due to EOS,
lightning, CDE and ESD. They feature large cross-sectional
area junctions for conducting high transient currents.
These devices offer desirable characteristics for board level
protection including fast response time, low operating and
clamping voltage, and no device degradation.
uClamp04091P is in a DFN 1.00 x 0.60 x 0.50mm 2-Lead
package. Each device may be used to meet the ESD
immunity requirements of IEC 61000-4-2 (±20kV air, ±20kV
contact discharge). uClamp04091P also provides high
surge current capability (20A, tp=8/20μs). The combination
of small size and high ESD and surge capability makes them
ideal for use in applications such as portables, wearables
and various industrial equipment.

Features
Ÿ Transient protection for VBUS and data lines to
Ÿ IEC 61000-4-2 (ESD): ±20kV (contact), ±20kV (air)
Ÿ IEC 61000-4-5 (Lightning): 20A (8/20μs)
Ÿ Protects one line
Ÿ Low ESD clamping voltage
Ÿ Working voltage: 4V
Ÿ Low reverse leakage current
Ÿ Solid-state silicon-avalanche technology

Applications
Ÿ 4V VBUS Protection
Ÿ Tablets
Ÿ Personal Computers
Ÿ Instrumentation
Ÿ CCTV Cameras

Mechanical Characteristics
Ÿ Package: DFN 1.00 x 0.60 x 0.50mm 2-Lead
Ÿ Pb-Free, Halogen Free, RoHS/WEEE Compliant
Ÿ Molding compound flammability rating: UL 94V-0
Ÿ Lead Finish: Pb-Free
Ÿ Marking: Marking code + Date Code
Ÿ Packaging: Tape and Reel




Similar Part No. - UCLAMP04091P.F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0301PQ SEMTECH-UCLAMP0301PQ Datasheet
610Kb / 7P
Low Voltage 關Clamp짰 for ESD and CDE Protection
UCLAMP03321PQ SEMTECH-UCLAMP03321PQ Datasheet
351Kb / 6P
μClamp® 1-Line ESD & Surge Protection
Rev 2.0 02/28/2023
UCLAMP03321PQ.C SEMTECH-UCLAMP03321PQ.C Datasheet
351Kb / 6P
μClamp® 1-Line ESD & Surge Protection
Rev 2.0 02/28/2023
UCLAMP0501H SEMTECH-UCLAMP0501H Datasheet
91Kb / 6P
關ClampTM 1-Line ESD protection
UCLAMP0501H.TCT SEMTECH-UCLAMP0501H.TCT Datasheet
91Kb / 6P
關ClampTM 1-Line ESD protection
More results


Similar Description - UCLAMP04091P.F

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1003 LITTELFUSE-SP1003 Datasheet
232Kb / 6P
ESD/Surge Protection Devices
logo
ON Semiconductor
NSPM2051 ONSEMI-NSPM2051 Datasheet
99Kb / 6P
ESD & Surge Protection Device
March, 2017 ??Rev. 3
logo
Semtech Corporation
RCLAMP0594P SEMTECH-RCLAMP0594P Datasheet
604Kb / 8P
Low Capacitance RailClamp® Line Surge and ESD Protection
Rev 2.2 11/30/2020
logo
Pan Jit International I...
PE3620M1Q PANJIT-PE3620M1Q Datasheet
162Kb / 5P
Hi-Surge ESD Protection
August 29,2018-REV.01
PE4105C2A PANJIT-PE4105C2A Datasheet
158Kb / 5P
HI-SURGE ESD PROTECTION
April 30,2018-REV.00
PE4105C3C6 PANJIT-PE4105C3C6 Datasheet
369Kb / 5P
HI-SURGE ESD PROTECTION
March 15,2019-REV.01
PE4136C2A PANJIT-PE4136C2A Datasheet
161Kb / 5P
HI-SURGE ESD PROTECTION
September 22,2017-REV.00
PE4205CS PANJIT-PE4205CS Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
PE4207M1Q PANJIT-PE4207M1Q Datasheet
177Kb / 5P
Hi-Surge ESD Protection
August 29,2018-REV.01
PJSOT24C-05-AU PANJIT-PJSOT24C-05-AU Datasheet
668Kb / 5P
Hi-Surge ESD Protection
May 27,2021 PJSOT24C-05-AU_SERIES-REV.00
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com