Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FQB1P50 Datasheet (PDF) - ON Semiconductor

FQB1P50 Datasheet PDF - ON Semiconductor
Part # FQB1P50
Download  FQB1P50 Download
File Size   2165.66 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel QFET® MOSFET - 500 V, - 1.5 A, 10.5 Ω

FQB1P50 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQB1P50 Datasheet PDF - ON Semiconductor

Part # FQB1P50
Download  FQB1P50 Click to download

File Size   2165.66 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel QFET® MOSFET - 500 V, - 1.5 A, 10.5 Ω

FQB1P50 Datasheet (HTML) - ON Semiconductor


FQB1P50 Product details

Description
This P-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to
reduce on-state resistance, and to provide superior
switching performance and high avalanche energy
strength. These devices are suitable for switched mode
power supplies, active power factor correction (PFC), and
electronic lamp ballasts.

Features
• - 1.5 A, - 500 V, RDS(on) = 10.5 Ω (Max.) @ VGS = - 10 V,
ID = - 0.75 A
• Low Gate Charge (Typ. 11 nC)
• Low Crss (Typ. 6.0 pF)
• 100% Avalanche Tested
• RoHS Compliant




Similar Part No. - FQB1P50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB1P50 FAIRCHILD-FQB1P50 Datasheet
571Kb / 9P
500V P-Channel MOSFET
FQB1P50 FAIRCHILD-FQB1P50 Datasheet
726Kb / 9P
P-Channel QFET MOSFET - 500 V, - 1.5 A, 10.5 Ohm
FQB1P50TM FAIRCHILD-FQB1P50TM Datasheet
726Kb / 9P
P-Channel QFET MOSFET - 500 V, - 1.5 A, 10.5 Ohm
More results


Similar Description - FQB1P50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQN1N50CTA FAIRCHILD-FQN1N50CTA Datasheet
3Mb / 8P
N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
FQB1P50TM FAIRCHILD-FQB1P50TM Datasheet
726Kb / 9P
P-Channel QFET MOSFET - 500 V, - 1.5 A, 10.5 Ohm
FQD5P10TM FAIRCHILD-FQD5P10TM Datasheet
527Kb / 8P
P-Channel QFET MOSFET -100 V, -3.6 A, 1.05?
FQNL2N50BTA FAIRCHILD-FQNL2N50BTA Datasheet
786Kb / 8P
N-Channel QFET MOSFET 500 V, 0.35 A, 5.3
FQD2P40TM FAIRCHILD-FQD2P40TM Datasheet
702Kb / 8P
P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
FQD6N50CTM FAIRCHILD-FQD6N50CTM Datasheet
547Kb / 8P
N-Channel QFET MOSFET 500 V, 4.5 A, 1.2
FQT3P20TF FAIRCHILD-FQT3P20TF Datasheet
1Mb / 8P
P-Channel QFET MOSFET -200 V, -0.67 A, 2.7
logo
ON Semiconductor
FQA9N90-F109 ONSEMI-FQA9N90-F109 Datasheet
1Mb / 9P
N-Channel QFET® MOSFET 900 V, 8.6 A, 1.3 Ω
September-2017, Rev. 3
FQA9N90C-F109 ONSEMI-FQA9N90C-F109 Datasheet
1Mb / 9P
N-Channel QFET® MOSFET 900 V, 9 A, 1.4 Ω
December-2017, Rev 3
logo
Fairchild Semiconductor
FQP2N60C FAIRCHILD-FQP2N60C_V01 Datasheet
1Mb / 10P
N-Channel QFET® MOSFET 600 V, 2 A, 4.7 Ω
2003 Fairchild Semiconductor Corporation
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com