Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XB30 Datasheet (PDF) - SG Micro Corp

XB30 Datasheet PDF - SG Micro Corp
Part # XB30
Download  XB30 Download
File Size   544.57 Kbytes
Page   10 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 300mA , Low Power, Low Dropout, Linear Regulators

XB30 Datasheet (PDF)

Go To PDF Page Download Datasheet
XB30 Datasheet PDF - SG Micro Corp

Part # XB30
Download  XB30 Click to download

File Size   544.57 Kbytes
Page   10 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 300mA , Low Power, Low Dropout, Linear Regulators

XB30 Datasheet (HTML) - SG Micro Corp


XB30 Product details

GENERAL DESCRIPTION
The SG2011 low-power, low-dropout, CMOS linear voltage regulators operate from a 2.5V to 5.5V input and deliver up to 300mA. They are perfect choice for low voltage, low power applications. An ultra low ground current (110µA at 300mA output) makes them attractive for battery operated power systems. The SG2011 series also offer ultra low dropout voltage (210mV at 300mA output) to prolong battery life in portable electronics.

FEATURES
- Ultra-Low Dropout Voltage: 210mV at 300mA output
- Low 80µA No-Load Supply Current
- Low 110µA Operating Supply Current at 300mA Output
- Thermal-Overload Protection
- Output Current Limit
- Preset Output Voltages (±1.8% Accuracy)
- Output Voltage: Available in Fixed Outputs of 1.5V, 1.8V, 2.5V, 2.8V, 3.0V, 3.3V, and 3.6V

APPLICATIONS
    Cellular Telephones
    Digital Cameras
    MP3、 MP4
    USB 2.0
    Modems
    PC Cameras
    Hand-Held Instruments
    Electronic Dictionarys
    Portable/Battery-Powered Equipment




Similar Part No. - XB30

ManufacturerPart #DatasheetDescription
logo
Digi International Inc.
XB3-24Z8CM DIGI-XB3-24Z8CM Datasheet
425Kb / 3P
DIGI XBEE 3 ZIGBEE 3.0
XB3-24Z8CM-J DIGI-XB3-24Z8CM-J Datasheet
425Kb / 3P
DIGI XBEE 3 ZIGBEE 3.0
XB3-24Z8PS DIGI-XB3-24Z8PS Datasheet
425Kb / 3P
DIGI XBEE 3 ZIGBEE 3.0
XB3-24Z8PS-J DIGI-XB3-24Z8PS-J Datasheet
425Kb / 3P
DIGI XBEE 3 ZIGBEE 3.0
XB3-24Z8PT DIGI-XB3-24Z8PT Datasheet
425Kb / 3P
DIGI XBEE 3 ZIGBEE 3.0
More results


Similar Description - XB30

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9131 GMT-G9131 Datasheet
264Kb / 10P
300mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
Low Power, Low Dropout, 300mA, RF - Linear Regulators
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com