Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T30LMPSR165 Datasheet (PDF) - ON Semiconductor

T30LMPSR165 Datasheet PDF - ON Semiconductor
Part # T30LMPSR165
Download  T30LMPSR165 Download
File Size   173.03 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Linear Regulator - 300 mA, Market Leading Transient Response Time and Ultra-Low Dropout

T30LMPSR165 Datasheet (PDF)

Go To PDF Page Download Datasheet
T30LMPSR165 Datasheet PDF - ON Semiconductor

Part # T30LMPSR165
Download  T30LMPSR165 Click to download

File Size   173.03 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Linear Regulator - 300 mA, Market Leading Transient Response Time and Ultra-Low Dropout

T30LMPSR165 Datasheet (HTML) - ON Semiconductor


T30LMPSR165 Product details

Features
• Market Leading Load Transient Response: 0 to 300 mA in 100 ns
♦ Voltage Undershoot: 37 mV
♦ Settling Time: 1 s
• ±1% Accuracy Over Load/Temperature
• Very Low Dropout: 26 mV for 2.85 V @ 300 mA
• High PSRR: Typ. 45 dB at 20 mA, f = 100 kHz
• Operating Input Voltage Range: 1.4 V to 3.3 V
• Available in Fixed Voltage Option: 1.0 V to 3.2 V
• Ultra Low Noise: 16 VRMS
• Stable with a 1 F eff. Output Capacitance
• Available in WLCSP4 0.64 mm x 0.64 mm x 0.33 mm Package
• These Devices are Pb−Free, Halogen Free and are RoHS Compliant

Typical Applications
• Battery−powered Equipment
• Wireless LAN Devices
• Smartphone, Tablets
• Cameras, DVRs, STB and Camcorders




Similar Part No. - T30LMPSR165

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
T30LMXT3V4T245 ONSEMI-T30LMXT3V4T245 Datasheet
471Kb / 12P
4-Bit Configurable Dual-Supply Transceiver with 3-State Outputs
December, 2025 - Rev. 0
T30LMXT3V4T245MU2TAG ONSEMI-T30LMXT3V4T245MU2TAG Datasheet
471Kb / 12P
4-Bit Configurable Dual-Supply Transceiver with 3-State Outputs
December, 2025 - Rev. 0
More results


Similar Description - T30LMPSR165

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
logo
National Semiconductor ...
LP38513 NSC-LP38513 Datasheet
398Kb / 14P
3A Fast Response Ultra Low Dropout Linear Regulator
logo
Analog Devices
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
STMicroelectronics
LD59030 STMICROELECTRONICS-LD59030 Datasheet
1Mb / 24P
300 mA very low dropout linear regulator IC
30-Mar-2021
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com