Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC0X03M0510 Datasheet (PDF) - Texas Instruments

AMC0X03M0510 Datasheet PDF - Texas Instruments
Part # AMC0X03M0510
Download  AMC0X03M0510 Download
File Size   2159.15 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC0x03M0510 Precision, ±50mV Input Isolated Delta-Sigma Modulators With Internal Clock

AMC0X03M0510 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC0X03M0510 Datasheet PDF - Texas Instruments

Part # AMC0X03M0510
Download  AMC0X03M0510 Click to download

File Size   2159.15 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC0x03M0510 Precision, ±50mV Input Isolated Delta-Sigma Modulators With Internal Clock

AMC0X03M0510 Datasheet (HTML) - Texas Instruments


AMC0X03M0510 Product details

1 Features
• Linear input voltage range: ±50mV
• Supply voltage range:
– High-side (AVDD): 3.0V to 5.5V
– Low-side (DVDD): 2.7V to 5.5V
• Low DC errors:
– Offset error: ±100μV (maximum)
– Offset drift: ±1μV/°C (maximum)
– Gain error: ±0.2% (maximum)
– Gain drift: ±30ppm/°C (maximum)
• High CMTI: 150V/ns (minimum)
• Missing high-side supply detection
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Isolation ratings:
– AMC0203M0510: Basic isolation
– AMC0303M0510: Reinforced Isolation
• Safety-related certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C

2 Applications
• Motor drives
• Photovoltaic inverters
• Server power-supply units (PSU)
• Energy storage systems

3 Description
The AMC0x03M0510 is a precision, galvanically
isolated delta-sigma (ΔΣ) modulator with a ±50mV
input and internal clock. The input is optimized
for connection to low-impedance shunt resistors
commonly used for current-sensing applications.
The isolation barrier separates parts of the system
that operate on different common-mode voltage
levels. The isolation barrier is highly resistant to
magnetic interference. This barrier is certified to
provide reinforced isolation up to 5kVRMS (DWV
package) and basic isolation up to 3kVRMS (D
package) (60s).
The output bitstream of the AMC0x03M0510 is
synchronized to the internally generated 10MHz clock.
Combined with a sinc3, OSR 256 filter, the device
achieves 12.2 effective bits of resolution or 78dB of
dynamic range, at a 39kSPS sample rate.
The AMC0x03M0510 comes in 8-pin, wide- and
narrow-body SOIC packages. The device is fully
specified over the temperature range from –40°C to
+125°C.




Similar Part No. - AMC0X03M0510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC0X03M2510 TI2-AMC0X03M2510 Datasheet
2Mb / 47P
AMC0x03M2510 Precision, ±250mV Input Isolated Delta-Sigma Modulators With Internal Clock
DECEMBER 2025
More results


Similar Description - AMC0X03M0510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
Small, High-Precision, Basic Isolated Delta-Sigma Modulators
AMC1333M10 TI-AMC1333M10 Datasheet
1Mb / 36P
AMC1333M10 Precision, ±1-V Input, Reinforced Isolated Delta-Sigma Modulator With 10-MHz Internal Clock
MAY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com