Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RP73D2B100KATE Datasheet (PDF) - TE Connectivity Ltd

RP73D2B100KATE Datasheet PDF - TE Connectivity Ltd
Part # RP73D2B100KATE
Download  RP73D2B100KATE Download
File Size   316.22 Kbytes
Page   11 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description SMD High Power Precision Resistors

RP73D2B100KATE Datasheet (PDF)

Go To PDF Page Download Datasheet
RP73D2B100KATE Datasheet PDF - TE Connectivity Ltd

Part # RP73D2B100KATE
Download  RP73D2B100KATE Click to download

File Size   316.22 Kbytes
Page   11 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description SMD High Power Precision Resistors

RP73D2B100KATE Datasheet (HTML) - TE Connectivity Ltd


RP73D2B100KATE Product details

Key Features
High precision -
Tolerance down to 0.05% and TCR down to 5PPM
Power rating to 1.0W
Up to 200V DC operating voltage
Terminal finish – electroplated 100% matte Sn

Applications
Communications
Industrial Controls




Similar Part No. - RP73D2B100KATE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP73D2B100KATG ETC2-RP73D2B100KATG Datasheet
199Kb / 6P
SMD High Power Precision Resistors
RP73D2B100KATG ETC2-RP73D2B100KATG Datasheet
199Kb / 6P
SMD High Power Precision Resistors
RP73D2B100KATG ETC2-RP73D2B100KATG Datasheet
199Kb / 6P
SMD High Power Precision Resistors
More results


Similar Description - RP73D2B100KATE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1676474-2 MACOM-1676474-2 Datasheet
271Kb / 5P
SMD High Power Precision Resistors
1773270 MACOM-1773270 Datasheet
271Kb / 5P
SMD High Power Precision Resistors
RN73C2A1K0BTG MACOM-RN73C2A1K0BTG Datasheet
294Kb / 6P
SMD High Power Precision Resistors
RP73D2B715RBTG MACOM-RP73D2B715RBTG Datasheet
199Kb / 6P
SMD High Power Precision Resistors
RP73PF2A41R2BTDF MACOM-RP73PF2A41R2BTDF Datasheet
199Kb / 6P
SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A1K1BTDF ETC2-RN73C2A1K1BTDF Datasheet
271Kb / 5P
SMD High Power Precision Resistors
RP73PF1J1K91BTDF ETC2-RP73PF1J1K91BTDF Datasheet
199Kb / 6P
SMD High Power Precision Resistors
RN73C2A825RBTDF ETC2-RN73C2A825RBTDF Datasheet
271Kb / 5P
SMD High Power Precision Resistors
RP73PF1J38R3BTDF ETC2-RP73PF1J38R3BTDF Datasheet
199Kb / 6P
SMD High Power Precision Resistors
logo
TE Connectivity Ltd
RP73 TEC-RP73 Datasheet
311Kb / 10P
SMD High Power Precision Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com