Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6206P261 Datasheet (PDF) - Torex Semiconductor

XC6206P261 Datasheet PDF - Torex Semiconductor
Part # XC6206P261
Download  XC6206P261 Download
File Size   1041.72 Kbytes
Page   15 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Low ESR Cap.Compatible Positive Voltage Regulators

XC6206P261 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6206P261 Datasheet PDF - Torex Semiconductor

Part # XC6206P261
Download  XC6206P261 Click to download

File Size   1041.72 Kbytes
Page   15 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Low ESR Cap.Compatible Positive Voltage Regulators

XC6206P261 Datasheet (HTML) - Torex Semiconductor


XC6206P261 Product details

■GENERAL DESCRIPTION
The XC6206 series are highly precise, low power consumption, 3 terminal, positive voltage regulators manufactured using CMOS and laser trimming technologies. The series provides large currents with a significantly small dropout voltage.
The XC6206 consists of a current limiter circuit, a driver transistor, a precision reference voltage and an error correction circuit.
The series is compatible with low ESR ceramic capacitors. The current limiter's foldback circuit operates as a short circuit protection as well as the output current limiter for the output pin.
Output voltages are internally by laser trimming technologies. It is selectable in 0.1V increments within a range of 1.2V to 5.0V.
SOT-23, SOT-89 and USP-6B packages are available.

■APPLICATIONS
●Smart phones / Mobile phones
●Portable game consoles
●Digital still cameras / Camcorders
●Digital audio equipments
●Reference voltage sources
●Multi-function power supplies

■FEATURES
Maximum Output Current : 200mA (3.0V type)
Dropout Voltage : 250mV @ 100mA (3.0V type)
Maximum Operating Voltage : 6.0V
Output Voltage Range : 1.2V ~ 5.0V (0.1V increments)
Highly Accurate : ±2%@VOUT≧1.5V
+30mV@VOUT<1.5V
(+1% @VOUT>2.0V)
Low Power Consumption : 1.0μA (TYP.)
Low ESR Capacitor : Ceramic capacitor compatible
Protection : Current Limit Circuit Built-in
Operating Ambient Temperature : -40℃~ +85℃
Packages : SOT-23 SOT-89 USP-6B
Environmentally Friendly : EU RoHS Compliant, Pb Free




Similar Part No. - XC6206P261

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6206P262DB TOREX-XC6206P262DB Datasheet
1Mb / 17P
Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P262DH TOREX-XC6206P262DH Datasheet
1Mb / 17P
Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P262DL TOREX-XC6206P262DL Datasheet
1Mb / 17P
Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P262DR TOREX-XC6206P262DR Datasheet
1Mb / 17P
Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P262LB TOREX-XC6206P262LB Datasheet
1Mb / 17P
Low ESR Cap.Compatible Positive Voltage Regulators
More results


Similar Description - XC6206P261

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6206 TOREX-XC6206_1 Datasheet
1Mb / 14P
Low ESR Cap.Compatible positive Voltage Regilrators
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
Low ESR Cap. Compatible Positive Voltage Regulators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
Low ESR Cap. Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6206_002 TOREX-XC6206_002 Datasheet
1Mb / 17P
Low ESR Cap.Compatible Positive Voltage Regulators
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
Low ESR Low Drop Out Voltage Regulators
logo
Torex Semiconductor
XC6206 TOREX-XC6206_2 Datasheet
1,002Kb / 17P
Low ESR Cap.Compatible Positive Voltage Regulators
logo
Advanced Monolithic Sys...
AMS6209 AMS-AMS6209 Datasheet
351Kb / 5P
LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
ZP Semiconductor
XC6206 ZPSEMI-XC6206 Datasheet
1Mb / 14P
LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
DONGGUAN YOU FENG WEI E...
XC6206P YFWDIODE-XC6206P Datasheet
597Kb / 4P
Low ESR Cap.Compatible Positive Voltage Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com