Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAD1646 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAD1646 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAD1646
Download  FMAD1646 Download
File Size   402.09 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Temperature Adapter 2.92mm Male to 2.4mm Male, 40GHz VSWR1.15, MIL-STD 348B with Stainless Steel Body

FMAD1646 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAD1646 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAD1646
Download  FMAD1646 Click to download

File Size   402.09 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Temperature Adapter 2.92mm Male to 2.4mm Male, 40GHz VSWR1.15, MIL-STD 348B with Stainless Steel Body

FMAD1646 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAD1646 Product details

Features:
• VSWR of 1.15:1 max
up to 40 GHz
• Gold over Nickel Plated
Beryllium Copper Contact




Similar Part No. - FMAD1646

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAD1640 FAIRVIEW-FMAD1640 Datasheet
410Kb / 3P
High Temperature Adapter 4 Hole Flange 2.4mm Female to 2.4mm Female, 50GHz VSWR1.2, MIL-STD 348B with Stainless Steel Body
REV 1
FMAD1641 FAIRVIEW-FMAD1641 Datasheet
404Kb / 3P
High Temperature Adapter 2.4mm Male to 2.4mm Male, 50GHz VSWR1.3, MIL-STD 348B with Stainless Steel Body
REV 1
FMAD1642 FAIRVIEW-FMAD1642 Datasheet
404Kb / 3P
High Temperature Adapter 2.4mm Male to 2.4mm Female, 50GHz VSWR1.3, MIL-STD 348B with Stainless Steel Body
REV 1
FMAD1643 FAIRVIEW-FMAD1643 Datasheet
399Kb / 3P
High Temperature Adapter 2.4mm Female to 2.4mm Female, 50GHz VSWR1.3, MIL-STD 348B with Stainless Steel Body
REV 1
FMAD1644 FAIRVIEW-FMAD1644 Datasheet
407Kb / 3P
High Temperature Adapter Bulkhead 2.4mm Female to 2.4mm Female, 50GHz VSWR1.3, MIL-STD 348B with Stainless Steel Body
REV 1
More results


Similar Description - FMAD1646

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9454 PASTERNACK-PE9454 Datasheet
249Kb / 3P
Precision 2.92mm Female to 2.4mm Male Adapter
PE9455 PASTERNACK-PE9455 Datasheet
238Kb / 3P
Precision 2.92mm Male to 2.4mm Female Adapter
PE9457 PASTERNACK-PE9457 Datasheet
247Kb / 3P
Precision 2.92mm Male to 2.4mm Male Adapter
PE91296 PASTERNACK-PE91296 Datasheet
341Kb / 3P
2.92mm Female to 2.4mm Male Adapter
PE91297 PASTERNACK-PE91297 Datasheet
340Kb / 3P
2.92mm Male to 2.4mm Female Adapter
PE91298 PASTERNACK-PE91298 Datasheet
330Kb / 3P
2.92mm Male to 2.4mm Male Adapter
PE7089-3 PASTERNACK-PE7089-3_16 Datasheet
270Kb / 5P
3 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-6 PASTERNACK-PE7089-6_16 Datasheet
270Kb / 5P
6 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-20 PASTERNACK-PE7089-20_16 Datasheet
270Kb / 5P
20 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-30 PASTERNACK-PE7089-30_16 Datasheet
269Kb / 5P
30 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com