Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAD1677 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAD1677 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAD1677
Download  FMAD1677 Download
File Size   403.5 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Temperature Adapter 3.5mm Female to 2.4mm Female, 34.5GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body

FMAD1677 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAD1677 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAD1677
Download  FMAD1677 Click to download

File Size   403.5 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Temperature Adapter 3.5mm Female to 2.4mm Female, 34.5GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body

FMAD1677 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAD1677 Product details

Features:
• VSWR of 1.25:1 max
up to 34.5 GHz
• Gold over Nickel Plated
Beryllium Copper Contact




Similar Part No. - FMAD1677

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAD1674 FAIRVIEW-FMAD1674 Datasheet
404Kb / 3P
High Temperature Adapter 3.5mm Male to 2.4mm Male, 34.5GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body
REV 1
FMAD1675 FAIRVIEW-FMAD1675 Datasheet
400Kb / 3P
High Temperature Adapter 3.5mm Male to 2.4mm Female, 34.5GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body
REV 1
FMAD1676 FAIRVIEW-FMAD1676 Datasheet
401Kb / 3P
High Temperature Adapter 3.5mm Female to 2.4mm Male, 34.5GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body
REV 1
FMAD1678 FAIRVIEW-FMAD1678 Datasheet
398Kb / 3P
High Temperature Adapter 2.92mm Male to 3.5mm Male, 34.5GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body
REV 1
FMAD1679 FAIRVIEW-FMAD1679 Datasheet
400Kb / 3P
High Temperature Adapter 2.92mm Male to 3.5mm Female, 34.5GHz VSWR1.25, MIL-STD 348B with Stainless Steel Body
REV 1
More results


Similar Description - FMAD1677

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9650 PASTERNACK-PE9650 Datasheet
234Kb / 2P
Precision 3.5mm Female to 2.4mm Male Adapter
PE9651 PASTERNACK-PE9651 Datasheet
239Kb / 2P
Precision 3.5mm Male to 2.4mm Female Adapter
PE9652 PASTERNACK-PE9652 Datasheet
235Kb / 2P
Precision 3.5mm Female to 2.4mm Female Adapter
PE91148 PASTERNACK-PE91148 Datasheet
361Kb / 3P
Ruggedized 3.5mm NMD Female to 2.4mm Female Adapter
PE91291 PASTERNACK-PE91291 Datasheet
338Kb / 3P
3.5mm Female to 2.4mm Female Adapter
PE91292 PASTERNACK-PE91292 Datasheet
341Kb / 3P
3.5mm Female to 2.4mm Male Adapter
PE91293 PASTERNACK-PE91293 Datasheet
342Kb / 3P
3.5mm Male to 2.4mm Female Adapter
PE7089-3 PASTERNACK-PE7089-3_16 Datasheet
270Kb / 5P
3 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-6 PASTERNACK-PE7089-6_16 Datasheet
270Kb / 5P
6 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-30 PASTERNACK-PE7089-30_16 Datasheet
269Kb / 5P
30 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com