Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC020SMB120BVAO Datasheet (PDF) - Microchip Technology

MSC020SMB120BVAO Datasheet PDF - Microchip Technology
Part # MSC020SMB120BVAO
Download  MSC020SMB120BVAO Download
File Size   1072.19 Kbytes
Page   13 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200V, 20 mΩ N-Channel mSiC™ MOSFET

MSC020SMB120BVAO Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC020SMB120BVAO Datasheet PDF - Microchip Technology

Part # MSC020SMB120BVAO
Download  MSC020SMB120BVAO Click to download

File Size   1072.19 Kbytes
Page   13 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200V, 20 mΩ N-Channel mSiC™ MOSFET

MSC020SMB120BVAO Datasheet (HTML) - Microchip Technology


MSC020SMB120BVAO Product details

Features
• Low capacitances and low gate charge
• Fast switching speed due to low internal gate resistance (ESR)
• Stable operation at high junction temperature, TJ(max) = 175 °C
• Fast and reliable body diode
• Superior avalanche ruggedness (100% UIS production tested)
• Creepage distance (Typ. > 2.55 mm)
• RoHS compliant
Applications
• Photovoltaic (PV) inverter, converter, and industrial motor drives
• Smart grid transmission and distribution
• Induction heating and welding
• Hybrid Electric Vehicle (HEV) powertrain and Electric Vehicle (EV)
charger
• Power supply and distribution




Similar Part No. - MSC020SMB120BVAO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSC020SMB120B4N MICROCHIP-MSC020SMB120B4N Datasheet
1Mb / 12P
1200V, 20 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC020SMB120B4NVAO MICROCHIP-MSC020SMB120B4NVAO Datasheet
1Mb / 12P
1200V, 20 mΩ N-Channel mSiC™ MOSFET
12/2025
More results


Similar Description - MSC020SMB120BVAO

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LN100 SUTEX-LN100 Datasheet
736Kb / 6P
1200V Cascoded N-Channel MOSFET
logo
Unisonic Technologies
5N120 UTC-5N120 Datasheet
451Kb / 7P
5A, 1200V N-CHANNEL POWER MOSFET
2018
logo
UN Semiconducctor INC
UNC1K203N078-T47-4 UNSEMI-UNC1K203N078-T47-4 Datasheet
4Mb / 12P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K203N078-T47 UNSEMI-UNC1K203N078-T47 Datasheet
4Mb / 12P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K207N043-T47-4 UNSEMI-UNC1K207N043-T47-4 Datasheet
4Mb / 9P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K207N043-T47 UNSEMI-UNC1K207N043-T47 Datasheet
3Mb / 9P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K211N016-T47-4 UNSEMI-UNC1K211N016-T47-4 Datasheet
4Mb / 10P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K211N016-T47 UNSEMI-UNC1K211N016-T47 Datasheet
4Mb / 10P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
logo
DinTek Semiconductor Co...
DTN19N120SC3 DINTEK-DTN19N120SC3 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN6N120SC3 DINTEK-DTN6N120SC3 Datasheet
1Mb / 8P
1200V N-Channel Silicon Carbide Power MOSFET
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com