Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAA127 Datasheet (PDF) - Littelfuse

LAA127 Datasheet PDF - Littelfuse
Part # LAA127
Download  LAA127 Download
File Size   243.57 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 250V, 200mA Dual Single-Pole

LAA127 Datasheet (PDF)

Go To PDF Page Download Datasheet
LAA127 Datasheet PDF - Littelfuse

Part # LAA127
Download  LAA127 Click to download

File Size   243.57 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 250V, 200mA Dual Single-Pole

LAA127 Datasheet (HTML) - Littelfuse


LAA127 Product details

Features
• 3750Vrms Input/Output Isolation
• Low Drive Power Requirements
• Higher Reliability than Electromechanical Relays
• No EMI/RFI Generation
• Small 8-Pin Package
• Surface Mount Tape & Reel Versions Available

Applications
• Telecommunications
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Industrial Controls

Description
LAA127 is a 250V, 200mA, 10 dual normally open
(1-Form-A) Solid State Relay that comprises two
independently controlled, optically coupled MOSFET
switches. The combination of super efficient MOSFET
switches and photovoltaic die provides 3750Vrms of
input to output isolation.
The optically coupled outputs, which use the
patented OptoMOS architecture, are controlled by a
highly efficient infrared LED.
This dual single-pole OptoMOS relay provides a more
compact design solution than discrete single-pole
relays in a variety of applications, and saves board
space by incorporating both switches in a single 8-pin
package.




Similar Part No. - LAA127

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LAA127 IXYS-LAA127 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
LAA127L CLARE-LAA127L Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LAA127L IXYS-LAA127L Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
LAA127LS CLARE-LAA127LS Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
More results


Similar Description - LAA127

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1M10 SEME-LAB-IP1M10 Datasheet
52Kb / 4P
200mA DUAL H-BRIDGE
logo
Clare, Inc.
LAA108 CLARE-LAA108 Datasheet
135Kb / 6P
Dual Single-Pole OptoMOS짰 Relay
logo
WILLAS ELECTRONIC CORP
BAS21H WILLAS-BAS21H Datasheet
315Kb / 3P
200mA Surface Mount Switching Diode-250V
logo
IXYS Corporation
LAA100L IXYS-LAA100L_12 Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
Dual Single Pole OptoMOS Relays
logo
Taiwan Semiconductor Co...
BAS19W TSC-BAS19W Datasheet
143Kb / 5P
SOT-323 100-250V/200mA Switching Diode
logo
IXYS Corporation
PAA132 IXYS-PAA132 Datasheet
131Kb / 7P
Dual Single-Pole OptoMOS Relays
OAA160 IXYS-OAA160 Datasheet
172Kb / 7P
250V Dual Normally-Open Single-Pole 8-Pin OptoMOS Relay
PAA110L IXYS-PAA110L Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
logo
Taiwan Semiconductor Co...
BAV19WS-G TSC-BAV19WS-G Datasheet
162Kb / 4P
200mA, 120V - 250V Switching Diodes
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com