Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46DR16640B-25DBA2 Datasheet (PDF) - Integrated Silicon Solution, Inc

IS46DR16640B-25DBA2 Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS46DR16640B-25DBA2
Download  IS46DR16640B-25DBA2 Download
File Size   1065.8 Kbytes
Page   29 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1Gb (x8, x16) DDR2 SDRAM

IS46DR16640B-25DBA2 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS46DR16640B-25DBA2 Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS46DR16640B-25DBA2
Download  IS46DR16640B-25DBA2 Click to download

File Size   1065.8 Kbytes
Page   29 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1Gb (x8, x16) DDR2 SDRAM

IS46DR16640B-25DBA2 Datasheet (HTML) - Integrated Silicon Solution, Inc


IS46DR16640B-25DBA2 Product details

FEATURES
 Clock frequency up to 400MHz
 8 internal banks for concurrent operation
 4-bit prefetch architecture
 Programmable CAS Latency: 3, 4, 5, 6 and 7
 Programmable Additive Latency: 0, 1, 2, 3, 4, 5 and 6
 Write Latency = Read Latency-1
 Programmable Burst Sequence: Sequential or Interleave
 Programmable Burst Length: 4 and 8
 Automatic and Controlled Precharge Command
 Power Down Mode
 Auto Refresh and Self Refresh
 Refresh Interval: 7.8 s (8192 cycles/64 ms)
 ODT (On-Die Termination)
 Weak Strength Data-Output Driver Option
 Bidirectional differential Data Strobe (Single-ended data-strobe is an optional feature)
 On-Chip DLL aligns DQ and DQs transitions with CK transitions
 DQS# can be disabled for single-ended data strobe
 Read Data Strobe supported (x8 only)
 Differential clock inputs CK and CK#
 VDD and VDDQ = 1.8V ± 0.1V
 PASR (Partial Array Self Refresh)
 SSTL_18 interface
 tRAS lockout supported
 Operating temperature:
Commercial (TA = 0°C to 70°C ; TC = 0°C to 85°C)
Industrial (TA = -40°C to 85°C; TC = -40°C to 95°C)
Automotive, A1 (TA = -40°C to 85°C; TC = -40°C to 95°C) Automotive, A2 (TA = -40°C to 105°C; TC = -40°C to 105°C)




Similar Part No. - IS46DR16640B-25DBA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46DR16640B-25DBLA1 ISSI-IS46DR16640B-25DBLA1 Datasheet
548Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
Rev. 0B, 08/08/2012
IS46DR16640B-25DBLA2 ISSI-IS46DR16640B-25DBLA2 Datasheet
548Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
Rev. 0B, 08/08/2012
More results


Similar Description - IS46DR16640B-25DBA2

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MT41J256M4 MDTIC-MT41J256M4 Datasheet
8Mb / 181P
1Gb: x4, x8, x16 DDR3 SDRAM
logo
Integrated Silicon Solu...
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
IS43DR81280B ISSI-IS43DR81280B Datasheet
549Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
512Mb (x8, x16) DDR2 SDRAM
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
1Gb: x4, x8, x16 DDR2 SDRAM
logo
Integrated Silicon Solu...
IS43DR16320B-37CBLI ISSI-IS43DR16320B-37CBLI Datasheet
729Kb / 30P
512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
256Mb: x4, x8, x16 DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
2Gb: x4, x8, x16 DDR2 SDRAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com