Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAM5028 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAM5028 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAM5028
Download  FMAM5028 Download
File Size   854.38 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 43 dB Gain High Power High Gain Amplifier at 25 Watt Psat Operating From 0.15 MHz to 230 MHz with 48 dBm IP3 and SMA

FMAM5028 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAM5028 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAM5028
Download  FMAM5028 Click to download

File Size   854.38 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 43 dB Gain High Power High Gain Amplifier at 25 Watt Psat Operating From 0.15 MHz to 230 MHz with 48 dBm IP3 and SMA

FMAM5028 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAM5028 Product details

Features:
• 0.15 MHz to 230 MHz
Frequency Range
• Psat 25 Watts typ
• Small Signal Gain: 43 dB min
• Gain Flatness ±1.5 dB max
• IP3 48 dBm typ
• 50 Ohms Input and
Output Matched
• Unconditionally Stable
• Regulated Supply




Similar Part No. - FMAM5028

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAM5028F FAIRVIEW-FMAM5028F Datasheet
963Kb / 7P
43 dB Gain High Power LDMOS Amplifier at 25 Watt Psat Operating from 0.15 MHz to 230 MHz with 48 dBm IP3, SMA Input, SMA Output, Heatsink
REV 1.4
More results


Similar Description - FMAM5028

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5029 PASTERNACK-PE15A5029 Datasheet
668Kb / 7P
44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A5029F PASTERNACK-PE15A5029F Datasheet
545Kb / 6P
44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A5030 PASTERNACK-PE15A5030 Datasheet
707Kb / 7P
4 Watt Psat, 1 MHz to 1,000 MHz, High Power Amplifier, 36 dB Gain, 39 dBm IP3, SMA
PE15A5030F PASTERNACK-PE15A5030F Datasheet
459Kb / 5P
4 Watt Psat, 1 MHz to 1,000 MHz, High Power Amplifier, 36 dB Gain, 39 dBm IP3, SMA
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5037F PASTERNACK-PE15A5037F Datasheet
714Kb / 8P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5038 PASTERNACK-PE15A5038 Datasheet
777Kb / 7P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE15A5038F PASTERNACK-PE15A5038F Datasheet
861Kb / 8P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE15A5039 PASTERNACK-PE15A5039 Datasheet
428Kb / 4P
42 dB Gain, 25 Watt P1dB, 860 MHz to 960 MHz, High Power High Gain Amplifier, 58 dBm IP3, 3.5 dB NF, SMA
PE15A5042 PASTERNACK-PE15A5042 Datasheet
431Kb / 5P
42 dB Gain, 18 Watt Psat, 860 MHz to 960 MHz, High Power High Gain Amplifier, 55 dBm IP3, 3.5 dB NF, SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com