Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAM5057 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAM5057 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAM5057
Download  FMAM5057 Download
File Size   993.84 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 49 dB Gain High Power LDMOS Amplifier at 80 Watt Psat Operating from 20 MHz to 1 GHz with SMA

FMAM5057 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAM5057 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAM5057
Download  FMAM5057 Click to download

File Size   993.84 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 49 dB Gain High Power LDMOS Amplifier at 80 Watt Psat Operating from 20 MHz to 1 GHz with SMA

FMAM5057 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAM5057 Product details

Features:
• LDMOS Design
• 20 MHz to 1 GHz
Frequency Range
• Psat 80 Watts typ
• Power Gain: 49 dB typ
• Power Added Efficiency: 30%
• Gain Flatness ±2 dB typ
• Shutdown with TTL Logic Control
• Current and Temperature
Sense Functions
• 50 Ohms Input and
Output Matched
• Instantaneous ultra broadband
• Built-in control and
protection circuits
• Class AB
• D-Sub Control Connector with
Mating Female Connector
• Optional Heatsink Available:
Model FMAMG5060F




Similar Part No. - FMAM5057

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAM5054 FAIRVIEW-FMAM5054 Datasheet
785Kb / 5P
Medium Power Amplifier at 2 Watt P1dB Operating from 18 GHz to 26.5 GHz with 40 dBm IP3, SMA
REV 1.4 A
FMAM5058 FAIRVIEW-FMAM5058 Datasheet
1Mb / 8P
50 dB Gain High Power LDMOS Amplifier at 100 Watt Psat Operating from 500 MHz to 1 GHz with SMA
REV 1.2
FMAM5059 FAIRVIEW-FMAM5059 Datasheet
1Mb / 8P
48 dB Gain High Power GaN Amplifier at 50 Watt Psat Operating from 500 MHz to 2.5 GHz with SMA
REV 1.4 A
More results


Similar Description - FMAM5057

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4013 PASTERNACK-PE15A4013 Datasheet
434Kb / 7P
5 Watt Psat, 7.5 GHz to 11 GHz, High Power Amplifier, 25 dB Gain, SMA
PE15A4014 PASTERNACK-PE15A4014 Datasheet
432Kb / 6P
3 Watt Psat, 8 GHz to 11 GHz, Medium Power Amplifier, 25 dB Gain, SMA
PE15A4015 PASTERNACK-PE15A4015 Datasheet
431Kb / 6P
4 Watt Psat, 8 GHz to 11 GHz, High Power Amplifier, 28 dB Gain, SMA
PE15A5029F PASTERNACK-PE15A5029F Datasheet
545Kb / 6P
44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A5030 PASTERNACK-PE15A5030 Datasheet
707Kb / 7P
4 Watt Psat, 1 MHz to 1,000 MHz, High Power Amplifier, 36 dB Gain, 39 dBm IP3, SMA
PE15A5030F PASTERNACK-PE15A5030F Datasheet
459Kb / 5P
4 Watt Psat, 1 MHz to 1,000 MHz, High Power Amplifier, 36 dB Gain, 39 dBm IP3, SMA
PE15A5036 PASTERNACK-PE15A5036 Datasheet
680Kb / 7P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5036F PASTERNACK-PE15A5036F Datasheet
738Kb / 8P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5037F PASTERNACK-PE15A5037F Datasheet
714Kb / 8P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com