Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PNM0502K1001FST0 Datasheet (PDF) - Vishay Siliconix

PNM0502K1001FST0 Datasheet PDF - Vishay Siliconix
Part # PNM0502K1001FST0
Download  PNM0502K1001FST0 Download
File Size   107.14 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Thin Film Non-Magnetic Resistor, Surface Mount Chip, ± 25 ppm/°C, Tolerances to 0.1 %

PNM0502K1001FST0 Datasheet (PDF)

Go To PDF Page Download Datasheet
PNM0502K1001FST0 Datasheet PDF - Vishay Siliconix

Part # PNM0502K1001FST0
Download  PNM0502K1001FST0 Click to download

File Size   107.14 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Thin Film Non-Magnetic Resistor, Surface Mount Chip, ± 25 ppm/°C, Tolerances to 0.1 %

PNM0502K1001FST0 Datasheet (HTML) - Vishay Siliconix


PNM0502K1001FST0 Product details

FEATURES
• Non-magnetic
• Moisture resistant
• High purity alumina substrate
• Non-standard values available
• MIL-STD-202 method 106 moisture
resistance with 10 % power
• 100 % visual inspected per MIL-PRF-55342
• Very low noise and voltage coefficient (< -30 dB)
• Non-inductive
• Laser-trimmed tolerances to ± 0.1 %
• Wraparound resistance less than 10 m
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - PNM0502K1001FST0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PNM0502K2502BBT1 VISHAY-PNM0502K2502BBT1 Datasheet
91Kb / 4P
PNM Vishay Thin Film
02-Dec-10
PNM0502K2502DBT1 VISHAY-PNM0502K2502DBT1 Datasheet
91Kb / 4P
PNM Vishay Thin Film
02-Dec-10
PNM0502K2502FBT1 VISHAY-PNM0502K2502FBT1 Datasheet
91Kb / 4P
PNM Vishay Thin Film
02-Dec-10
More results


Similar Description - PNM0502K1001FST0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLT VISHAY-PLT Datasheet
118Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
PNM1206E1002BBT1 VISHAY-PNM1206E1002BBT1 Datasheet
101Kb / 4P
Precision Thin Film Non-Magnetic Resistor
26-Jan-11
logo
List of Unclassifed Man...
RR1220P-331-D ETC2-RR1220P-331-D Datasheet
112Kb / 4P
Precision 0.1% and 0.5%, tolerance Thin Film Chip Resistor
logo
Vishay Siliconix
PATT VISHAY-PATT_15 Datasheet
92Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jun-15
PNM VISHAY-PNM Datasheet
99Kb / 4P
Precision Thin Film Non-Magnetic Resistor, Surface Mount Chip, ± 25 ppm/°C, Tolerances to 0.1 %
07-Aug-14
PCNM VISHAY-PCNM Datasheet
102Kb / 5P
High Power Aluminum Nitride, Wraparound Surface Mount, Precision Thin Film Non-Magnetic Chip Resistor (up to 6 W)
15-Jun-16
PLTU VISHAY-PLTU Datasheet
130Kb / 3P
Ultra Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 2 ppm/°C TCR, 0.01 % Tolerance
24-Aug-16
PLTT VISHAY-PLTT_V01 Datasheet
137Kb / 5P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
16-Mar-2021
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
Precision Thin Film Chip Resistor
7/8/2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com