Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R2A20135SP#W5 Datasheet (PDF) - Renesas Technology Corp

R2A20135SP#W5 Datasheet PDF - Renesas Technology Corp
Part # R2A20135SP#W5
Download  R2A20135SP#W5 Download
File Size   289.9 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LED Lighting Power Controller

R2A20135SP#W5 Datasheet (PDF)

Go To PDF Page Download Datasheet
R2A20135SP#W5 Datasheet PDF - Renesas Technology Corp

Part # R2A20135SP#W5
Download  R2A20135SP#W5 Click to download

File Size   289.9 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LED Lighting Power Controller

R2A20135SP#W5 Datasheet (HTML) - Renesas Technology Corp


R2A20135SP#W5 Product details

• Absolute Maximum Ratings
⎯ Supply voltage Vcc: 24 V
⎯ Junction temperature Tj: –40 to +150°C
• Electrical characteristics
⎯ UVLO operating start voltage VH: 12 V ± 0.8 V
⎯ UVLO operating shutdown voltage VL: 9.2 V ± 0.7 V
⎯ UVLO hysteresis voltage Hysuvl: 2.8 V ± 0.7 V
• Functions
⎯ Dimming function (Triac, PWM, DC dimming)
⎯ Zero current detection mode (when Rrt is OPEN)
⎯ Fixed frequency mode (when Rrt is connected by GND)
⎯ Adjustable switching frequency (when Rrt is connected by GND)
⎯ Package lineup: Pb-free SOP-8 (JEDEC)




Similar Part No. - R2A20135SP#W5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20135SP RENESAS-R2A20135SP Datasheet
117Kb / 12P
LED Lighting Power Controller Absolute Maximum Ratings
R2A20135SP RENESAS-R2A20135SP_15 Datasheet
117Kb / 12P
LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
LED Lighting Power Controller
More results


Similar Description - R2A20135SP#W5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28810 TI-UCC28810 Datasheet
1Mb / 31P
LED LIGHTING POWER CONTROLLER
UCC28810 TI-UCC28810_11 Datasheet
1Mb / 33P
LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP_15 Datasheet
570Kb / 14P
LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_15 Datasheet
117Kb / 12P
LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP Datasheet
734Kb / 14P
LED Lighting Power Controller
Jan 08, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com