Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6400CUD-26#PBF Datasheet (PDF) - Analog Devices

LTC6400CUD-26#PBF Datasheet PDF - Analog Devices
Part # LTC6400CUD-26#PBF
Download  LTC6400CUD-26#PBF Download
File Size   226.02 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz

LTC6400CUD-26#PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6400CUD-26#PBF Datasheet PDF - Analog Devices

Part # LTC6400CUD-26#PBF
Download  LTC6400CUD-26#PBF Click to download

File Size   226.02 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz

LTC6400CUD-26#PBF Datasheet (HTML) - Analog Devices


LTC6400CUD-26#PBF Product details

FEATURES
■ 1.9GHz –3dB Bandwidth
■ Fixed Gain of 20V/V (26dB)
■ –94dBc IMD3 at 70MHz (Equivalent OIP3 = 51dBm)
■ –71dBc IMD3 at 300MHz (Equivalent OIP3 = 39.5dBm)
■ 1nV/√Hz Internal Op Amp Noise
■ 1.5nV/√Hz Total Input Referred Noise
■ 6.8dB Noise Figure
■ Differential Inputs and Outputs
■ 50Ω Input Impedance
■ 2.85V to 3.5V Supply Voltage
■ 85mA Supply Current (255mW)
■ 1V to 1.6V Output Common Mode, Adjustable
■ DC- or AC-Coupled Operation
■ Max Differential Output Swing 4.7VP-P
■ Small 16-Lead 3mm × 3mm × 0.75mm QFN Package




Similar Part No. - LTC6400CUD-26#PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6400CUD-26-PBF LINER-LTC6400CUD-26-PBF Datasheet
219Kb / 16P
1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400CUD-26-TRPBF LINER-LTC6400CUD-26-TRPBF Datasheet
219Kb / 16P
1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Similar Description - LTC6400CUD-26#PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6400-8 LINER-LTC6400-8 Datasheet
216Kb / 16P
2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-14 LINER-LTC6400-14 Datasheet
224Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20 Datasheet
229Kb / 16P
1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-26 LINER-LTC6400-26 Datasheet
219Kb / 16P
1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400CUD-14 LINER-LTC6400CUD-14 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400IUD-8 LINER-LTC6400IUD-8 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-14 LINER-LTC6400-14_15 Datasheet
236Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20_15 Datasheet
231Kb / 16P
1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-26 LINER-LTC6400-26_15 Datasheet
231Kb / 16P
1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com