Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMC2241 Datasheet (PDF) - Analog Devices

TMC2241 Datasheet PDF - Analog Devices
Part # TMC2241
Download  TMC2241 Download
File Size   1778.87 Kbytes
Page   110 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 65V 2ARMS Smart Integrated Stepper Driver with S/D and SPI

TMC2241 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC2241 Datasheet PDF - Analog Devices

Part # TMC2241
Download  TMC2241 Click to download

File Size   1778.87 Kbytes
Page   110 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 65V 2ARMS Smart Integrated Stepper Driver with S/D and SPI

TMC2241 Datasheet (HTML) - Analog Devices


TMC2241 Product details

Features
•Voltage Range: 4.5V to 65V DC
•Low RON (HS + LS): 0.31Ω Typical (TA = 25°C)
•Current Ratings per H-Bridge (Typical at 25°C):
•2ARMS (2.8A Sine Peak) at VS = 24V
•1.7ARMS (2.4A Sine Peak) at VS = 48V
•Fully Integrated Lossless Current Sensing
•Step/Direction (S/D) Interface with MicroPlyer StepInterpolation
•SPI and Single-Wire UART
•Encoder Interface
•Highest Resolution of 256 Microsteps per Full Step
•Flexible Wave Table and Phase Shift to Match Motor
•StealthChop2 Silent Motor Operation
•SpreadCycle Highly Dynamic Motor Control Chopper
•Jerk-Free Combination of StealthChop2 andSpreadCycle
•StallGuard2 and StallGuard4 Sensorless Motor LoadDetection
•CoolStep Current Control for Energy Savings up to75%
•Passive Braking and Freewheeling Mode
•Motor Phase Temperature Estimation
•Chip Temperature Measurement
•General Purpose Analog Input
•Full Protection and Diagnostics
•Overvoltage Protection Output
•Compact 5mm x 7mm TQFN38 Package




Similar Part No. - TMC2241

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC2240-BOB TRINAMIC-TMC2240-BOB Datasheet
680Kb / 1P
IC BREAKOUT BOARDS
V1.00 2022-SEP-21
logo
Analog Devices
TMC2240-EVAL AD-TMC2240-EVAL Datasheet
2Mb / 13P
TMC2240-EVAL Evaluation Board
Revision V1.21 2022-AUG-19
TMC2240-EVAL-KIT AD-TMC2240-EVAL-KIT Datasheet
2Mb / 13P
TMC2240-EVAL Evaluation Board
Revision V1.21 2022-AUG-19
logo
Fairchild Semiconductor
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
More results


Similar Description - TMC2241

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9942 STMICROELECTRONICS-L9942 Datasheet
575Kb / 37P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
07-Nov-2005
logo
List of Unclassifed Man...
TMC239 ETC2-TMC239 Datasheet
155Kb / 21P
High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
TMC236 ETC2-TMC236 Datasheet
189Kb / 25P
High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC239 TRINAMIC-TMC239_1 Datasheet
578Kb / 29P
High current microstep stepper motor driver with protection, diagnostics and SPI Interface
logo
STMicroelectronics
L6460 STMICROELECTRONICS-L6460 Datasheet
3Mb / 139P
SPI configurable stepper and DC multi motor driver
02-Jul-2010
logo
Texas Instruments
DRV8426 TI1-DRV8426 Datasheet
2Mb / 49P
DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
DRV8428 TI1-DRV8428 Datasheet
1Mb / 53P
DRV8428 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
DRV8434 TI-DRV8434 Datasheet
4Mb / 56P
DRV8434 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
DRV8434S TI-DRV8434S Datasheet
4Mb / 73P
DRV8434S Stepper Driver With Integrated Current Sense, 1/256 Microstepping, SPI Interface, Smart Tune Technology and Stall Detection
logo
Maxim Integrated Produc...
MAX22203 MAXIM-MAX22203 Datasheet
411Kb / 23P
65V, 3.8A Dual Brushed or Single Stepper Motor Driver with Integrated Current Sense
Rev 0; 5/21
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com