Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TZ0604B Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ0604B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ0604B
Download  TZ0604B Download
File Size   288.82 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 3.2x2.5 20.0MHz

TZ0604B Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ0604B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0604B
Download  TZ0604B Click to download

File Size   288.82 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 3.2x2.5 20.0MHz

TZ0604B Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ0604B Product details

Features:
Surface Mount Hermetic Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Ultra Miniature Package
Moisture Sensitive Level (MSL): Level 1

Description and Applications:
Surface mount 3.2mmx2.5mm crystal unit for use in wireless communications devices,
especially for a need of ultra miniature package for mobility.




Similar Part No. - TZ0604B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0604A TAI-SAW-TZ0604A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 20.000MHz
REV. NO.: 3
TZ0604D TAI-SAW-TZ0604D Datasheet
179Kb / 7P
Crystal Unit SMD 3.2x2.5 20.00MHz
REV. NO.: 1
TZ0604E TAI-SAW-TZ0604E Datasheet
159Kb / 7P
Crystal Unit SMD 3.2x2.5 20.00MHz
REV. NO.: 1
More results


Similar Description - TZ0604B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0285A TAI-SAW-TZ0285A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 20.0MHz
REV. NO.: 5
TZ0317A TAI-SAW-TZ0317A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 20.0MHz
REV. NO.: 6
TZ0406A TAI-SAW-TZ0406A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 20.0MHz
REV. NO.: 5
TZ0502A TAI-SAW-TZ0502A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 20.0MHz
REV. NO.: 3
TZ0542A TAI-SAW-TZ0542A Datasheet
225Kb / 5P
SMD 4.0x2.5 20.0MHz Crystal Unit
REV. NO.: 1
TZ0653A TAI-SAW-TZ0653A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 20.0MHz
REV. NO.: 3
TZ1093A TAI-SAW-TZ1093A Datasheet
380Kb / 7P
Crystal Unit SMD 2.5x2.0 20.0MHz
REV. NO.: 3
TZ1290A TAI-SAW-TZ1290A Datasheet
374Kb / 7P
Crystal Unit SMD 2.5x2.0 20.0MHz
REV. NO.: 2
TZ1302A TAI-SAW-TZ1302A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 20.0MHz
REV. NO.: 2
TZ2204CA4344 TAI-SAW-TZ2204CA4344 Datasheet
189Kb / 8P
Crystal Unit SMD 2.0x1.6 20.0MHz
REV. NO.: 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com