Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GBPC3501 Datasheet (PDF) - Multicomp Pro

GBPC3501 Datasheet PDF - Multicomp Pro
Part # GBPC3501
Download  GBPC3501 Download
File Size   222.45 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bridge Rectifier

GBPC3501 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBPC3501 Datasheet PDF - Multicomp Pro

Part # GBPC3501
Download  GBPC3501 Click to download

File Size   222.45 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bridge Rectifier

GBPC3501 Datasheet (HTML) - Multicomp Pro


GBPC3501 Product details

Features:
• Surge overload rating from 300A to 450A
• Low forward voltage drop
• Mounting position: Any
• Electrically isolated base: 2,000V
• Solderable 0.25" FASTON terminals




Similar Part No. - GBPC3501

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3501 PANJIT-GBPC3501 Datasheet
38Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes)
logo
Surge Components
GBPC3501 SURGE-GBPC3501 Datasheet
130Kb / 2P
HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
GBPC3501 SSE-GBPC3501 Datasheet
18Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBPC3501 DIODES-GBPC3501 Datasheet
70Kb / 2P
35A GLASS PASSIVATED BRIDGE RECTIFIER
DS21210 Rev. H-2
logo
General Semiconductor
GBPC3501 GE-GBPC3501 Datasheet
70Kb / 4P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Similar Description - GBPC3501

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
Bridge Rectifier
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Zowie Technology Corpor...
Z4GP30MPH ZOWIE-Z4GP30MPH Datasheet
66Kb / 4P
Bridge Rectifier
Z4SGP30MDPH ZOWIE-Z4SGP30MDPH Datasheet
64Kb / 2P
Bridge Rectifier
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005_18 Datasheet
1Mb / 2P
BRIDGE RECTIFIER
logo
SiPower Inc.
T1ZBFDIP SIPOWER-T1ZBFDIP Datasheet
321Kb / 2P
Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com