Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HNCPRO-LSZH-OR Datasheet (PDF) - Structured Cable Products Inc.

HNCPRO-LSZH-OR Datasheet PDF - Structured Cable Products Inc.
Part # HNCPRO-LSZH-OR
Download  HNCPRO-LSZH-OR Download
File Size   661.3 Kbytes
Page   2 Pages
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.
Description HNCPRO for CAT5E- LOW SMOKE ZERO HALOGENHDBASET

HNCPRO-LSZH-OR Datasheet (PDF)

Go To PDF Page Download Datasheet
HNCPRO-LSZH-OR Datasheet PDF - Structured Cable Products Inc.

Part # HNCPRO-LSZH-OR
Download  HNCPRO-LSZH-OR Click to download

File Size   661.3 Kbytes
Page   2 Pages
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.
Description HNCPRO for CAT5E- LOW SMOKE ZERO HALOGENHDBASET

HNCPRO-LSZH-OR Datasheet (HTML) - Structured Cable Products Inc.


HNCPRO-LSZH-OR Product details

Description:
HNCPRO for CAT5E- LOW SMOKE ZERO HALOGENHDBASET
ENHANCED 350MHz 24 AWG SOLID BC 4PR UTP,
ANSI/TIA 568.2-D, ISO/IEC 11801 CLASS D, PoE: IEEE 802.bt,
EN50575 Dca-s1,d1,a1, LSZH JKT - 305M/1000 FT BOX

Application: Lan Cable




Similar Part No. - HNCPRO-LSZH-OR

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
HNCPRO-BL STRUCTURED-CABLE-HNCPRO-BL Datasheet
505Kb / 2P
HNCPRO for CAT5E - HDBaseT ENHANCED 350MHz
HNCPRO-BL-D STRUCTURED-CABLE-HNCPRO-BL-D Datasheet
831Kb / 2P
Dca RATED - HNCPRO for CAT5E- HDBaseT
Rev04/20
HNCPRO-GN-D STRUCTURED-CABLE-HNCPRO-GN-D Datasheet
831Kb / 2P
Dca RATED - HNCPRO for CAT5E- HDBaseT
Rev04/20
HNCPRO-OR-D STRUCTURED-CABLE-HNCPRO-OR-D Datasheet
831Kb / 2P
Dca RATED - HNCPRO for CAT5E- HDBaseT
Rev04/20
HNCPRO-RD-D STRUCTURED-CABLE-HNCPRO-RD-D Datasheet
831Kb / 2P
Dca RATED - HNCPRO for CAT5E- HDBaseT
Rev04/20
More results


Similar Description - HNCPRO-LSZH-OR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
72247 ETC2-72247 Datasheet
203Kb / 2P
For Duct Smoke Detectors
logo
Systemsensor advanced i...
B210LP SYSTEMSENSOR-B210LP Datasheet
567Kb / 2P
Low-Profile Intelligent Combination Smoke Detector
2151 SYSTEMSENSOR-2151 Datasheet
265Kb / 2P
Low-Profile Plug-in Smoke Detectors
DH200PL SYSTEMSENSOR-DH200PL Datasheet
404Kb / 4P
Intelligent Low-Flow Duct Smoke Detectors
B404B SYSTEMSENSOR-B404B Datasheet
343Kb / 4P
Duct Smoke Detector for Special Applications
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
Smoke Detectors
logo
PANDUIT CORP.
FXLE3-10M2 PANDUIT-FXLE3-10M2 Datasheet
91Kb / 2P
Opti-Core Fibre Optic Patch Cords - Low Smoke Zero Halogen (LSZH) Rated
logo
SHANGHAI BELLING CO., L...
BL5980 BELLING-BL5980 Datasheet
535Kb / 30P
Low Voltage Photoelectric Smoke Detector ASIC
logo
Molex Electronics Ltd.
1111451206 MOLEX-1111451206 Datasheet
53Kb / 1P
zSFP-to-zSFP Passive Cable Assembly, Low-smoke Zero-halogen Cable, 28 Gbps, 30 AWG, 2.0m Length
logo
List of Unclassifed Man...
ST-DG ETC1-ST-DG Datasheet
496Kb / 1P
Low Smoke Heat-Shrinkable Rubber Tubing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com