Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALC1200P Datasheet (PDF) - Realtek Semiconductor Corp.

ALC1200P Datasheet PDF - Realtek Semiconductor Corp.
Part # ALC1200P
Download  ALC1200P Download
File Size   2249.37 Kbytes
Page   82 Pages
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.
Description 7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION

ALC1200P Datasheet (PDF)

Go To PDF Page Download Datasheet
ALC1200P Datasheet PDF - Realtek Semiconductor Corp.

Part # ALC1200P
Download  ALC1200P Click to download

File Size   2249.37 Kbytes
Page   82 Pages
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.
Description 7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION

ALC1200P Datasheet (HTML) - Realtek Semiconductor Corp.


ALC1200P Product details

General Description
Realtek’s ALC1200 HD Audio codec SoC’s is a low-power, 110dB SNR, high performance
multi-channel audio codec with Realtek proprietary lossless content protection technology protects
pre-recorded lossless contents, allowing full-rate audio enjoyment from DVD Audio and Blu-ray DVD or
HD DVD discs. The Audio fidelity of the device exceeds Microsoft WLP 4.0 Desktop and Notebook
Premium Logo requirements. Additionally, the device achieve a high level integration by featuring an
integrated 5-volt to 4.5-volt low-dropout(LDO) voltage regulator that guarantees high performance
analog audio performance without incurring external BOM. and an integrated 3.3-volt to 1.8-volt
low-dropout voltage regulator used to power internal digital blocks.
The ALC1200 provides ten DAC channels that simultaneously support 7.1-channel playback, plus 2
channels of independent stereo output (multiple streaming) through the front panel stereo output with up
to 110dB Signal-to-Noise (SNR). Two stereo ADCs are integrated and can support multiple analog audio
inputs, that support Real Time Communication applications ,including a 102dB SNR stereo line level and
Microphone input and microphone array with software features Acoustic Echo Cancellation (AEC), Beam
Forming (BF), Noise Suppression (NS) and Far Field voice Pick up (FFP) technologies.
All analog I/O are input and output capable, and all can be re-tasked according to user definitions. There
are three headphone amplifiers integrated at analog output ports (port-D/port-E/port-F). These
high-output power headphone drivers deliver 30mW into 32 ohm load, eliminating the need for an
external headphone amplifier.
Support for 16/20/24-bit SPDIF output with up to 192kHz sample rate offers easy connection of PCs to
High Definition Media Interface (HDMI) transmitters or consumer electronic products such as digital
decoders and A/V receivers.
The ALC1200 supports host audio from the Intel and AMD chipsets, and also from any other HDA
compatible audio controller that is HDA specification 1.0a compliant. With various software utilities like
environment sound emulation, multiple-band and independent software equalizer, dynamic range
compressor and expander, optional third parties software features from Dolby, DTS, Nahimic, Waves and
Fortemedia, Creative Host Audio, the ALC1200 offers the highest sound quality, providing an excellent
entertainment package and game experience for PC users.

Features
2.1. Hardware Features
 Front-DAC with 110 dB SNR (A-weighting,), ADC09h with 102dB SNR (A-weighting)
 DACs (except Front-DAC) with 96dB SNR (A-weighting), ADC08h with 93dB SNR (A-weighting)
 All DACs supports 44.1k/48k/96k/192kHz sample rate
 All ADCs supports 44.1k/48k/96k/192kHz sample rate
 Ten DAC channels support 16/20/24-bit PCM format for 7.1 channel sound playback, plus 2
channels of concurrent independent stereo sound output (multiple streaming) through the front panel
output
 Two stereo ADCs support 16/20/24-bit PCM format, multiple stereo recording
 Primary 16/20/24-bit SPDIF-OUT supports 32k/44.1k/48k/88.2k/96k/192kHz sample rate
 Secondary 16/20/24-bit SPDIF-OUT supports 32k/44.1k/48k/88.2k/96k/192kHz sample rate
 All analog jacks (port-A to port-G) are stereo input and output re-tasking
 Port-B/C/E/F with software selectable boost gain (+10/+20/+30dB) for analog microphone input
 Port-D/E/F built-in headphone amplifiers
 Software selectable 2.5V/3.2V/4.0V VREFOUT
 Up to four channels of microphone array input are supported for AEC/BF applications
 Supports legacy analog mixer architecture
 Three jack detection pins; each designed to detect up to 3 jacks
 One GPIO (General Purpose Input and Output) for customized applications. GPIO0 share pin with
SPDIF-OUT2
 Supports anti-pop mode when analog power LDO-IN is on and digital power is off
 Content Protection for Full Rate lossless DVD Audio, Blu-ray DVD, and HD-DVD audio content
playback (with selected versions of WinDVD/PowerDVD/TMT)
 0.75dB per step output volume and input volume control
 Supports 3.3V digital core power, 1.5V or 3.3V digital I/O power for HD Audio link, and 5.0V
analog power
 Intel low power ECR compliant and power status control for each analog/digital converter and pin
widget

Software Features
 Meets Microsoft WLP audio requirements and WHQL certification
 WaveRT-based audio function driver for Windows OS (Windows 7/8 and Windows 10)
 Multiband software equalizer and tools provided
 Voice Cancellation and Key Shifting effect
 Direct Sound 3D™ compatible
 I3DL2 compatible
 7.1+2 channel multi-streaming enables concurrent gaming/VoIP
 Emulation of 26 sound environments to enhance gaming experience
 Dynamic range control (expander, compressor, and limiter) with adjustable parameters
 Intuitive Configuration Panel (Realtek Audio Manager) to enhance user experience
 Microphone Acoustic Echo Cancellation (AEC), Noise Suppression (NS), and Beam Forming (BF),
Far Field Voice Pick up (FFP) technology for voice applications
 Smart multiple streaming operation
 HDMI audio driver for AMD platform
 Optional 3
rd parties surround sound and voice processing features--- Nahimic 3D, Dolby PCEE
program, SRS TruSurround HD, SRS Premium Sound, Fortemedia SAM, Creative Host Audio,
Synopsys Sonic Focus, DTS Surround Sensation | UltraPC, and DTS Connect licenses

System Applications
 Desktop multimedia PCs
 Notebook PCs




Similar Part No. - ALC1200P

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC12 KEMET-ALC12 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
ALC12 KEMET-ALC12 Datasheet
565Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56
More results


Similar Description - ALC1200P

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
ALC885-GR REALTEK-ALC885-GR Datasheet
1Mb / 98P
7.12 CHANNEL HIGH-PERFORMANCE HDA CODEC WITH CONTENT PROTECTION
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
7.12 CHANNEL HD AUDIO CODEC
ALC889 REALTEK-ALC889 Datasheet
1Mb / 86P
7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892 REALTEK-ALC892_11 Datasheet
1Mb / 90P
7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892_11 REALTEK-ALC892_11_05 Datasheet
1Mb / 90P
7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC898 REALTEK-ALC898 Datasheet
908Kb / 90P
7.12 CHANNEL HIGH DEFINITION AUDIO CODEC WITH CONTENT PROTECTION
ALC1150 REALTEK-ALC1150 Datasheet
1Mb / 88P
7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com