Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX40008 Datasheet (PDF) - Analog Devices

MAX40008 Datasheet PDF - Analog Devices
Part # MAX40008
Download  MAX40008 Download
File Size   631.61 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 220ns, 12μA, 6-Bump WLP Comparators with Shutdown

MAX40008 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX40008 Datasheet PDF - Analog Devices

Part # MAX40008
Download  MAX40008 Click to download

File Size   631.61 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 220ns, 12μA, 6-Bump WLP Comparators with Shutdown

MAX40008 Datasheet (HTML) - Analog Devices


MAX40008 Product details

Features
●220ns Propagation Delay
●Tiny 0.73mm x 1.1mm with 0.35mm Pitch 6-Bump WLP and SOT23 Packages Save Board Space
●Rail-to-Rail Inputs
●Low Operating Current ≤ 17μA (max) Over Temperature
●No Phase Reversal for Overdriven Inputs
●Integrated RF Immunity Filters
●Supply Voltage Range (1.7V to 5.5V) Allows Operation from 1.8V, 2.5V, 3V, and 5V Supplies
●Push-Pull (MAX40009) or Open-Drain (MAX40008) Outputs
●-40°C to +125°C Temperature Range
●Low-Power Shutdown Input Reduces Quiescent Current to 150nA




Similar Part No. - MAX40008

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40008 MAXIM-MAX40008 Datasheet
1Mb / 11P
300ns Propagation Delay
Rev 1; 6/17
MAX40008 MAXIM-MAX40008 Datasheet
1Mb / 11P
Hysteresis Adding Configurable
Rev 1; 6/17
MAX40008EVKIT MAXIM-MAX40008EVKIT Datasheet
1Mb / 11P
Hysteresis Adding Configurable
Rev 1; 6/17
MAX40008EVKIT# MAXIM-MAX40008EVKIT# Datasheet
1Mb / 11P
Hysteresis Adding Configurable
Rev 1; 6/17
More results


Similar Description - MAX40008

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44264 MAXIM-MAX44264 Datasheet
289Kb / 10P
Ultra-Low Power Op Amp in a Tiny 6-Bump WLP
Rev 0; 12/10
MAX44265 MAXIM-MAX44265 Datasheet
364Kb / 13P
Rail-to-Rail, 200kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
Rev 0; 12/10
MAX9644 MAXIM-MAX9644 Datasheet
294Kb / 11P
Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 0; 3/11
MAX97236 MAXIM-MAX97236 Datasheet
3Mb / 39P
Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
Rev 0; 3/11
MAX9644_1110 MAXIM-MAX9644_1110 Datasheet
256Kb / 11P
Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 1; 10/11
MAX16122 MAXIM-MAX16122 Datasheet
845Kb / 16P
Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
MAX40006 MAXIM-MAX40006 Datasheet
2Mb / 17P
Micropower, Rail-to-Rail, 300kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
Rev 0; 11/16
MAX40006 MAXIM-MAX40006_V01 Datasheet
2Mb / 17P
Micropower, Rail-to-Rail, 300kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
2018
MAX44264 MAXIM-MAX44264_V01 Datasheet
2Mb / 10P
nanoPower Op Amp in a Tiny 6-Bump WLP
2017
MAX44286 MAXIM-MAX44286 Datasheet
715Kb / 11P
Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
2014
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com