Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM3Z2V2BW Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

MM3Z2V2BW Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # MM3Z2V2BW
Download  MM3Z2V2BW Download
File Size   903.77 Kbytes
Page   4 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description 200mW Surface Mount Zener Diode

MM3Z2V2BW Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z2V2BW Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # MM3Z2V2BW
Download  MM3Z2V2BW Click to download

File Size   903.77 Kbytes
Page   4 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description 200mW Surface Mount Zener Diode

MM3Z2V2BW Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


MM3Z2V2BW Product details

Specification Features:
Wide Zener Voltage Range
Selection, 2.0V to 75V
VZ Tolerance Selection of ±2% (B Series)
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
Weight: approx. 0.004g
AEC-Q101 Qualified




Similar Part No. - MM3Z2V2BW

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM3Z2V2B EIC-MM3Z2V2B Datasheet
93Kb / 2P
ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
logo
EIC discrete Semiconduc...
MM3Z2V2B EIC-MM3Z2V2B Datasheet
119Kb / 2P
ZENER DIODES
logo
Shanghai Leiditech Elec...
MM3Z2V2B LEIDITECH-MM3Z2V2B Datasheet
832Kb / 4P
Silicon Planar zener diodes
More results


Similar Description - MM3Z2V2BW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 13 - 2
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 15 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
200mW,Surface Mount Zener Diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
200mW Surface Mount Zener Diode
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
Rev 15
MMBZ5221BW DIODES-MMBZ5221BW_15 Datasheet
193Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
Rev 14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com