Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEME1-S Datasheet (PDF) - CUI INC

PEME1-S Datasheet PDF - CUI INC
Part # PEME1-S
Download  PEME1-S Download
File Size   452.95 Kbytes
Page   7 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description DC-DC CONVERTER

PEME1-S Datasheet (PDF)

Go To PDF Page Download Datasheet
PEME1-S Datasheet PDF - CUI INC

Part # PEME1-S
Download  PEME1-S Click to download

File Size   452.95 Kbytes
Page   7 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description DC-DC CONVERTER

PEME1-S Datasheet (HTML) - CUI INC


PEME1-S Product details

FEATURES
• 1 W isolated output
• unregulated output
• compact SIP package
• single/dual output models
• continuous short circuit protection
• extended temperature range (-40~105°C)
• 3 kVdc isolation
• no load input current as low as 5 mA
• UL 62368-1
• efficiency up to 85%
• EN 62368-1




Similar Part No. - PEME1-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PEME1-S CUI-PEME1-S Datasheet
967Kb / 7P
DC-DC CONVERTER
PEME1-S CUI-PEME1-S Datasheet
1Mb / 7P
DC-DC CONVERTER
07/07/2021
PEME1-S12-S12-S CUI-PEME1-S12-S12-S Datasheet
1Mb / 7P
DC-DC CONVERTER
07/07/2021
PEME1-S12-S15-S CUI-PEME1-S12-S15-S Datasheet
1Mb / 7P
DC-DC CONVERTER
07/07/2021
PEME1-S12-S24-S CUI-PEME1-S12-S24-S Datasheet
1Mb / 7P
DC-DC CONVERTER
07/07/2021
More results


Similar Description - PEME1-S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com