Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W160CT85ZB1F Datasheet (PDF) - Numonyx B.V

M28W160CT85ZB1F Datasheet PDF - Numonyx B.V
Part # M28W160CT85ZB1F
Download  M28W160CT85ZB1F Download
File Size   1293.76 Kbytes
Page   50 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory

M28W160CT85ZB1F Datasheet (PDF)

Go To PDF Page Download Datasheet
M28W160CT85ZB1F Datasheet PDF - Numonyx B.V

Part # M28W160CT85ZB1F
Download  M28W160CT85ZB1F Click to download

File Size   1293.76 Kbytes
Page   50 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory

M28W160CT85ZB1F Datasheet (HTML) - Numonyx B.V


M28W160CT85ZB1F Product details

SUMMARY DESCRIPTION

The M28W160C is a 16 Mbit (1 Mbit x 16) non-volatile Flash memory that can be erased electrically at the block level and programmed in-system on a Word-by-Word basis. These operations can be performed using a single low voltage (2.7 to 3.6V) supply. VDDQ allows to drive the I/O pin down to 1.65V. An optional 12V VPP power supply is provided to speed up customer programming.



FEATURES SUMMARY

■ SUPPLY VOLTAGE

   – VDD = 2.7V to 3.6V Core Power Supply

   – VDDQ= 1.65V to 3.6V for Input/Output

   – VPP = 12V for fast Program (optional)

■ ACCESS TIME: 70, 85, 90,100ns

■ PROGRAMMING TIME:

   – 10µs typical

   – Double Word Programming Option

■ COMMON FLASH INTERFACE

   – 64 bit Security Code

■ MEMORY BLOCKS

   – Parameter Blocks (Top or Bottom location)

   – Main Blocks

■ BLOCK LOCKING

   – All blocks locked at Power Up

   – Any combination of blocks can be locked

   – WP for Block Lock-Down

■ SECURITY

   – 64 bit user Programmable OTP cells

   – 64 bit unique device identifier

   – One Parameter Block Permanently Lockable

■ AUTOMATIC STAND-BY MODE

■ PROGRAM and ERASE SUSPEND

■ 100,000 PROGRAM/ERASE CYCLES per BLOCK

■ ECOPACK® PACKAGES AVAILABLE

■ ELECTRONIC SIGNATURE

   – Manufacturer Code: 20h



 




Similar Part No. - M28W160CT85ZB1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W160CT85ZB1F STMICROELECTRONICS-M28W160CT85ZB1F Datasheet
1,022Kb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
20-Jan-2006
More results


Similar Description - M28W160CT85ZB1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W160BT STMICROELECTRONICS-M28W160BT Datasheet
337Kb / 45P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
16-May-2002
M28W160CT STMICROELECTRONICS-M28W160CT Datasheet
1,022Kb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
20-Jan-2006
M28W160ECT STMICROELECTRONICS-M28W160ECT Datasheet
860Kb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
16-Nov-2004
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
24-Jun-2002
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
Jan-2001
logo
Numonyx B.V
M28W160ECT NUMONYX-M28W160ECT Datasheet
1Mb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
logo
Numonyx B.V
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com