Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0HPGMT02R Datasheet (PDF) - Holland Electronics

0HPGMT02R Datasheet PDF - Holland Electronics
Part # 0HPGMT02R
Download  0HPGMT02R Download
File Size   830.12 Kbytes
Page   2 Pages
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics
Description 0HP Series GMT Fuse Panels

0HPGMT02R Datasheet (PDF)

Go To PDF Page Download Datasheet
0HPGMT02R Datasheet PDF - Holland Electronics

Part # 0HPGMT02R
Download  0HPGMT02R Click to download

File Size   830.12 Kbytes
Page   2 Pages
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics
Description 0HP Series GMT Fuse Panels

0HPGMT02R Datasheet (HTML) - Holland Electronics


0HPGMT02R Product details

Primary Benefits
• Single bus or dual bus configurations available
• Form C relay contacts provide reliable fail
alarm connections
• Fail alarm LEDs clearly indicate blown fuse and
power failures
• MTBF exceeds 750,000 hours per TR-TSY-000332
• Alarm cards and individual fuses can be replaced with
the power on
• Clear polycarbonate cover (94V-0) protects input and
output power connectors and wiring
• Additional options:
• Power line noise filter—provides circuit protection
by suppressing unwanted power line noise from
external sources
• UL Listed, cUL, NEBS 3

• Central office
• Remote sites
• Secondary power distribution
Applications





Similar Description - 0HPGMT02R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PV-8A10F COOPER-PV-8A10F Datasheet
228Kb / 2P
PV Fuse Protects Photovoltaic Panels up to 1000Vdc
logo
Littelfuse
SPFJ125 LITTELFUSE-SPFJ125 Datasheet
880Kb / 6P
SPFJ SERIES FUSE
0203.250HXG LITTELFUSE-0203.250HXG Datasheet
163Kb / 3P
203 Series Fuse
logo
Hammond Manufacturing L...
EP1212 HAMMOND-EP1212 Datasheet
92Kb / 1P
Inner Panels EP Series
AP3630 HAMMOND-AP3630 Datasheet
53Kb / 1P
Panels for N1A Series Enclosures
logo
Cooper Bussmann, Inc.
15600-06-20 COOPER-15600-06-20 Datasheet
86Kb / 2P
Fuse Panels - ATC, ATM, FMX
logo
List of Unclassifed Man...
A14N12PP ETC2-A14N12PP Datasheet
1Mb / 16P
PERFORATED PANELS
logo
Bud Industries, Inc.
PA-1101-MG BUD-PA-1101-MG Datasheet
46Kb / 1P
RELAY RACK PANELS
logo
Cooper Bussmann, Inc.
15600 COOPER-15600 Datasheet
79Kb / 1P
ATC Blade-Type Fuse Panels
logo
Bourns Electronic Solut...
BLK BOURNS-BLK Datasheet
105Kb / 2P
BLK Series Protector Panels
REV. C 10/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com