Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS2811-1-V-F3 Datasheet (PDF) - Renesas Technology Corp

PS2811-1-V-F3 Datasheet PDF - Renesas Technology Corp
Part # PS2811-1-V-F3
Download  PS2811-1-V-F3 Download
File Size   5117.27 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER

PS2811-1-V-F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2811-1-V-F3 Datasheet PDF - Renesas Technology Corp

Part # PS2811-1-V-F3
Download  PS2811-1-V-F3 Click to download

File Size   5117.27 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER

PS2811-1-V-F3 Datasheet (HTML) - Renesas Technology Corp


PS2811-1-V-F3 Product details

 High current transfer ratio (CTR = 200 % TYP. @ IF = 1 mA)
 High isolation voltage (BV = 2 500 Vr.m.s.)
 Small and thin package (4, 16-pin SSOP, Pin pitch 1.27 mm)
 Embossed tape product
:PS2811-1-F3: 3 500 pcs/reel
: PS2811-4-F3: 2 500 pcs/reel
 Pb-free product
 Safety standards
 UL approved: UL 1577, Single protection
 CSA approved: CSA-C22.2 No. 62368-1, Basic insulation
 VDE approved: DIN EN IEC 60747-5-5 (Option)




Similar Part No. - PS2811-1-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2811-1-V-F3 CEL-PS2811-1-V-F3 Datasheet
429Kb / 12P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2811-1-V-F3 RENESAS-PS2811-1-V-F3 Datasheet
268Kb / 16P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2811-1-V-F3 RENESAS-PS2811-1-V-F3 Datasheet
282Kb / 16P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2811-1-V-F3-A CEL-PS2811-1-V-F3-A Datasheet
429Kb / 12P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
More results


Similar Description - PS2811-1-V-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2811-1 CEL-PS2811-1 Datasheet
429Kb / 12P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-1 CEL-PS2815-1 Datasheet
413Kb / 12P
LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2811-1 RENESAS-PS2811-1 Datasheet
268Kb / 16P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-1 RENESAS-PS2815-1 Datasheet
269Kb / 16P
LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS28010T COSMO-KPS28010T Datasheet
169Kb / 6P
4 Pin SSOP Low Input Current Photocoupler
KPS28010W COSMO-KPS28010W Datasheet
169Kb / 6P
4 Pin SSOP Low Input Current Photocoupler
KPS28010Z COSMO-KPS28010Z Datasheet
169Kb / 6P
4 Pin SSOP Low Input Current Photocoupler
logo
Renesas Technology Corp
PS2811-1 RENESAS-PS2811-1_15 Datasheet
282Kb / 16P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-1 RENESAS-PS2815-1_15 Datasheet
254Kb / 16P
LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com