Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6220B19BPR-G Datasheet (PDF) - Torex Semiconductor

XC6220B19BPR-G Datasheet PDF - Torex Semiconductor
Part # XC6220B19BPR-G
Download  XC6220B19BPR-G Download
File Size   817.61 Kbytes
Page   26 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 1A LDO Voltage Regulator with “Green Operation”

XC6220B19BPR-G Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6220B19BPR-G Datasheet PDF - Torex Semiconductor

Part # XC6220B19BPR-G
Download  XC6220B19BPR-G Click to download

File Size   817.61 Kbytes
Page   26 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 1A LDO Voltage Regulator with “Green Operation”

XC6220B19BPR-G Datasheet (HTML) - Torex Semiconductor


XC6220B19BPR-G Product details

■GENERAL DESCRIPTION
The XC6220 series is a highly accurate, low noise, high speed, low dropout, and large current CMOS voltage regulator with Green Operation function. The series consists of a voltage reference, an error amplifier, a current limiter, an inrush current prevention circuit and a phase compensation circuit plus a driver transistor.
With a 0.2Ω on-resistance driver transistor integrated, the ultra low dropout voltage performance with output currents up to 1A greatly extends battery life as does the Green Operation function which can switch between high speed and power save modes automatically. A low ESR ceramic capacitor can be used for the output stabilization capacitor (CL).
Output voltage is selectable in 0.05V increments within the range of 0.8V~5.0V, using laser trimming technologies.
An over current protection circuit and a thermal shutdown circuit are built in. The over current protection circuit will operate when the output current reaches its limit current. The thermal shutdown circuit will operate when the junction temperature reaches its limit temperature. The inrush prevention circuit works by controlling the inrush current which charges to CL when the IC starts up. In this way, voltage fluctuations in power supply caused by inrush current during system start up can be minimized.
The CE function enables the output to be turned off and the IC becomes a stand-by mode resulting in greatly reduced power consumption.

■APPLICATIONS
●Optical disk drive
●Magnetic disk drive
●Digital still cameras / Camcorders
●Digital audio equipments

■FEATURES
Maximum Output Current : 1000mA (1.2V≦VOUT≦5.0V)
Dropout Voltage : 20mV @ 100mA (VOUT=3.0V)
: 60mV@ 300mA (VOUT=3.0V)
Operating Voltage Range : 1.6V ~ 6.0V
Output Voltage Range : 0.8V ~ 5.0V (0.05V increments)
Accuracy : ± 1% (VOUT≧2.0V)
: ± 20mV (VOUT<2.0V)
Low Power Consumption : 8μA (TYP.) in PS mode
: 50μA (TYP.) in HS mode
Operating Ambient Temperature : - 40℃~ 85℃
Thermal Shutdown : Detect 150℃, Release 135℃(TYP.)
Inrush Current Prevention : 700mA (MAX.)
CL Auto Discharge : XC6220 Series B/D type
CE Pull-Down Resistor : XC6220 Series C/D type
Output Capacitor : Ceramic Capacitor Compatible
Packages : USP-6C, SOT-25, SOT89-5, SOP-8FD
Environmentally Friendly : EU RoHS Compliant, Pb Free




Similar Part No. - XC6220B19BPR-G

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
XC6220B121MR TECHPUBLIC-XC6220B121MR Datasheet
3Mb / 6P
900mA,25uA, Higt PSRR Voltage Regulator
XC6220B151MR TECHPUBLIC-XC6220B151MR Datasheet
3Mb / 6P
900mA,25uA, Higt PSRR Voltage Regulator
XC6220B181MR TECHPUBLIC-XC6220B181MR Datasheet
3Mb / 6P
900mA,25uA, Higt PSRR Voltage Regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
1A LDO Voltage Regulator with ?쏥reenOperation?
More results


Similar Description - XC6220B19BPR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
1A LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
Bipolar 1A LDO Voltage regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
Bipolar 1A LDO Voltage regulator
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
Ultra LDO 1A Linear Regulator With
logo
ELM Electronics
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
Bipolar 1A LDO voltage regulator
logo
Sangdest Microelectroni...
SULR1190 SMC-SULR1190 Datasheet
468Kb / 19P
Ultra LDO 1A Linear Regulator With
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190_15 Datasheet
357Kb / 20P
Ultra LDO 1A Linear Regulator With
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com